Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE610QTR Datasheet(PDF) 48 Page - STMicroelectronics

Part # STMPE610QTR
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610QTR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STMPE610QTR Datasheet HTML 44Page - STMicroelectronics STMPE610QTR Datasheet HTML 45Page - STMicroelectronics STMPE610QTR Datasheet HTML 46Page - STMicroelectronics STMPE610QTR Datasheet HTML 47Page - STMicroelectronics STMPE610QTR Datasheet HTML 48Page - STMicroelectronics STMPE610QTR Datasheet HTML 49Page - STMicroelectronics STMPE610QTR Datasheet HTML 50Page - STMicroelectronics STMPE610QTR Datasheet HTML 51Page - STMicroelectronics STMPE610QTR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Electrical specifications
STMPE610
48/56
Doc ID 15432 Rev 3
Table 22.
ADC specification (-40
° C to 85 ° C)
Table 23.
Switch drivers specification
Table 24.
Voltage reference specification
Parameter
Test condition
Value
Unit
Min
Typ
Max
Full-scale input span
0
−
Vref
V
Absolute input range
−−
VCC +0.2
V
Input capacitance
−
25
−
pF
Leakage current
−
0.1
−
µA
Resolution
−
12
−
bits
No missing codes
11
−
bits
Integral linearity error
−
±4
±6bits
Offset error
−
±5
±7LSB
Gain error
−
±14
±18
LSB
Noise
Including internal Vref
−
70
−
µVrms
Power supply rejection ratio
−
50
−
dB
Throughput rate
−
180
−
ksps
Parameter
Test condition
Value
Unit
Min
Typ
Max
ON resistance X+, Y+
−
5.5
−
Ω
ON resistance X-, Y-
−
7.3
−
Ω
Drive current
Duration 100 ms
−−
50
mA
Parameter
Test condition
Value
Unit
Min
Typ
Max
Internal reference voltage
2.45
2.50
2.55
V
Internal reference drift
−
25
−
Ppm/C
Output impedance
Internal reference ON
−
300
−
Ω
Internal reference OFF
−
1
−
G
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com