Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE811 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STMPE811
Description  Advanced resistive touch screen controller with 8-bit GPIO expander
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STMPE811_09 Datasheet HTML 51Page - STMicroelectronics STMPE811_09 Datasheet HTML 52Page - STMicroelectronics STMPE811_09 Datasheet HTML 53Page - STMicroelectronics STMPE811_09 Datasheet HTML 54Page - STMicroelectronics STMPE811_09 Datasheet HTML 55Page - STMicroelectronics STMPE811_09 Datasheet HTML 56Page - STMicroelectronics STMPE811_09 Datasheet HTML 57Page - STMicroelectronics STMPE811_09 Datasheet HTML 58Page - STMicroelectronics STMPE811_09 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
STMPE811
Electrical specifications
Doc ID 14489 Rev 2
55/64
15
Electrical specifications
Table 21.
DC electrical characteristics (-40
° C to 85 ° C) all GPIOs comply to JEDEC
standard JESD-8-7)
Table 22.
AC electrical characteristics (-40
° C to 85 ° C)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VIL
Input voltage low state
VIO =1.8
− 3.3 V
-0.3 V
−
0.20 VIO
V
VIH
Input voltage high state
VIO =1.8
− 3.3 V
0.80 VIO
− V
IO +0.3 V
V
VOL
Output voltage low state VIO = 1.8 V,
IOL = 4 mA
VIO = 3.3 V,
IOL = 8 mA
-0.3 V
−
0.15 VIO
V
VOH
Output voltage high
state
0.85 VIO
−−
V
VOL
(I2C/SPI)
Output voltage low state VCC = 1.8 V,
IOL = 4 mA
VCC = 3.3 V,
IOL = 8 mA
-0.3 V
−
0.15 VCC
V
VOH
(I2C/SPI)
Output voltage high
state
0.85 VCC
−
VCC +0.3V
V
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
CLKI2Cmax I
2C maximum SCLK
VIO =1.8 -3.3 V
400
−−
kHz
CLKSPImax SPI maximum clock
VIO =1.8 V
800
−−
kHz
VIO = 3.3 V
1000
−−
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com