Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE811 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STMPE811
Description  Advanced resistive touch screen controller with 8-bit GPIO expander
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMPE811_09 Datasheet HTML 7Page - STMicroelectronics STMPE811_09 Datasheet HTML 8Page - STMicroelectronics STMPE811_09 Datasheet HTML 9Page - STMicroelectronics STMPE811_09 Datasheet HTML 10Page - STMicroelectronics STMPE811_09 Datasheet HTML 11Page - STMicroelectronics STMPE811_09 Datasheet HTML 12Page - STMicroelectronics STMPE811_09 Datasheet HTML 13Page - STMicroelectronics STMPE811_09 Datasheet HTML 14Page - STMicroelectronics STMPE811_09 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
STMPE811
I2C interface
Doc ID 14489 Rev 2
11/64
4.1
I2C features
The features that are supported by the I2C interface are listed below:
●
I2C slave device
●
Operates at 1.8 V
●
Compliant to Philips I2C specification version 2.1
●
Supports standard (up to 100 Kbps) and fast (up to 400 Kbps) modes
Start condition
A Start condition is identified by a falling edge of SDATA while SCLK is stable at high state.
A Start condition must precede any data/command transfer. The device continuously
monitors for a Start condition and does not respond to any transaction unless one is
encountered.
Stop condition
A Stop condition is identified by a rising edge of SDATA while SCLK is stable at high state. A
Stop condition terminates communication between the slave device and the bus master. A
read command that is followed by NoAck can be followed by a Stop condition to force the
slave device into idle mode. When the slave device is in idle mode, it is ready to receive the
next I2C transaction. A Stop condition at the end of a write command stops the write
operation to registers.
Acknowledge bit
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter
releases the SDATA after sending eight bits of data. During the ninth bit, the receiver pulls
the SDATA low to acknowledge the receipt of the eight bits of data. The receiver may leave
the SDATA in high state if it does not acknowledge the receipt of the data.
Table 7.
I2C timing
Symbol
Parameter
Min
Typ
Max
Uni
fSCL
SCL clock frequency
0
−
400
kHz
tLOW
Clock low period
1.3
−−
µs
tHIGH
Clock high period
600
−−
ns
tF
SDA and SCL fall time
−
300
ns
tHD:STA
START condition hold time (after this
period the first clock is generated)
600
−−
ns
tSU:STA
START condition setup time (only relevant
for a repeated start period)
600
−−
ns
tSU:DAT
Data setup time
100
−−
ns
tHD:DAT
Data hold time
0
−−
µs
tSU:STO
STOP condition setup time
600
−−
ns
tBUF
Time the bus must be free before a new
transmission can start
1.3
−−
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com