Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE811 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STMPE811
Description  Advanced resistive touch screen controller with 8-bit GPIO expander
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STMPE811_09 Datasheet HTML 32Page - STMicroelectronics STMPE811_09 Datasheet HTML 33Page - STMicroelectronics STMPE811_09 Datasheet HTML 34Page - STMicroelectronics STMPE811_09 Datasheet HTML 35Page - STMicroelectronics STMPE811_09 Datasheet HTML 36Page - STMicroelectronics STMPE811_09 Datasheet HTML 37Page - STMicroelectronics STMPE811_09 Datasheet HTML 38Page - STMicroelectronics STMPE811_09 Datasheet HTML 39Page - STMicroelectronics STMPE811_09 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
Touch screen controller
STMPE811
36/64
Doc ID 14489 Rev 2
TSC_CFG
Touch screen controller configuration register
Address:
0x41
Type:
R/W
Description:
Touch screen controller configuration register.
76
543
2
1
0
AVE_CTRL_1 AVE_CTRL_0
TOUCH_DET
_DELAY_2
TOUCH_DET
_DELAY_1
TOUCH_DET
_DELAY_0
SETTLING_2
SETTLING_1
SETTLING_0
[7:6] [AVE_CTRL_1/0: Average control
00=1 sample
01=2 samples
10=4 samples
11=8 samples
[5:3] TOUCH_DET_DELAY_2/1/0: Touch detect delay
000 - 10
μs
001 - 50
μs
010 = 100
μs
011 = 500
μs
100=1ms
101=5ms
110 = 10 ms
111 = 50 ms
[2:0] SETTLING: Panel driver settling time(1)
000 = 10
μs
001 = 100
μs
010 = 500
μS
011=1ms
100=5ms
101 = 10 ms
110 = 50 ms
111=100ms
1. For large panels (> 6”), a capacitor of 10 nF is recommended at the touch screen terminals for noise filtering.
In this case, settling time of 1 ms or more is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com