Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE811 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STMPE811
Description  Advanced resistive touch screen controller with 8-bit GPIO expander
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STMPE811_09 Datasheet HTML 17Page - STMicroelectronics STMPE811_09 Datasheet HTML 18Page - STMicroelectronics STMPE811_09 Datasheet HTML 19Page - STMicroelectronics STMPE811_09 Datasheet HTML 20Page - STMicroelectronics STMPE811_09 Datasheet HTML 21Page - STMicroelectronics STMPE811_09 Datasheet HTML 22Page - STMicroelectronics STMPE811_09 Datasheet HTML 23Page - STMicroelectronics STMPE811_09 Datasheet HTML 24Page - STMicroelectronics STMPE811_09 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
STMPE811
System and identification registers
Doc ID 14489 Rev 2
21/64
7
System and identification registers
CHIP_ID
Device identification
Address:
0x00
Type:
R
Reset:
0x0811
Description:
16-bit device identification
ID_VER
Revision number
Address:
0x02
Type:
R
Reset:
0x03 (0x01 for engineering samples)
Description:
16-bit revision number
Table 12.
System and identification registers map
Address
Register name
Bit
Type
Reset
Function
0x00
CHIP_ID
16
R
0x0811
Device identification
0x02
ID_VER
8
R
0x03
Revision number
(0x03 for engineering sample)
0x03
SYS_CTRL1
8
R/W
0x00
Reset control
0x04
SYS_CTRL2
8
R/W
0x0F
Clock control
0x08
SPI_CFG
8
R/W
0x01
SPI interface configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com