Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102A Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPXM2102A
Description  DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2102A Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPXM2102A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AN3956
Sensors
Freescale Semiconductor
7
Functions and the Screen Shot Navigation Path
Color Legend
Inputs: User has to enter in a value, or select a choice, UP or DN. Typical inputs are shown in ‘x’ format. ESC repeatedly
pressed, exits user to main menu.
Outputs: Demo code returns a result or value based on the user inputs.
Simple Weather Station
1. Alti/Baro
Press
2. Waterlevel
UPorDN
3. Inertial
4. Additional
‘4’
Additional
Press
a. Weather
UPorDN
b. Weather Advanced
c. Temp Sensor
‘a’
Please enter your
Altitude (m)
UP/DN
00
m
101.3 kPa
SIMPLE WEATHER
Weather outlook
0.423 kPa
Sun/Cloud Symbol
This is the altitude at your
current location. Once its
entered, the value of Pressure
for that altitude is displayed.
The current Weather outlook is
displayed in the options of
Symbols: Sun, Rain,
Sun/Cloud.
Note the difference in pressure
is displayed from current to
Altitude.
Advanced Weather Station
1. Alti/Baro
Press
2. Waterlevel
UPorDN
3. Inertial
4. Additional
‘4’
Additional
Press
a. Weather
UPorDN
b. Weather Advanced
c. Temp Sensor
‘a’
WEATHER
Sun/Cloud
Min 0224
dP/dt -0.042
Stable Weather Pattern
This shows the weather in the top right corner from the simple
weather algorithm. The ‘Min’ shows how long the algorithm is
working in minutes. dP/dt shows the differential change per an
hour. The corresponding weather type is predicted in the bottom.
This takes readings for up to 3 hours and compares results to the
algorithm every ½ hour.
Waterlevel Sensing
1. Alti/Baro
Press
2. Waterlevel
UPorDN
3. Inertial
4. Additional
‘2’
2. Waterlevel
MPXV5004 Integrated
40cm H2O Level
Press ENTER
2. Waterlevel
Press
a. Liquid (cm)
UPorDN
b. Alarm system
‘a’
Place in Liquid
ADC 12bit
1179
H2O Level
0.0 cm
Pressure
0.0 kPa
Selection of the Liquid
Waterlevel section in ‘a’.
Place tube attached to
MPXV5004 into water. As it
goes into the water, the value
of water height will be
displayed on the screen along
with Pressure.
ENT
ENT
ENT
ENT
ENT
ENT
ENT
ENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com