Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102A Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPXM2102A
Description  DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2102A Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPXM2102A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AN3956
Sensors
Freescale Semiconductor
8
Waterlevel Alarm (sub-option from above menu)
2. Waterlevel
Press
a. Liquid (cm)
UPorDN
b. Alarm system
‘b’
Alarm System
Enter your Threshold
5.50
cm
ENTER for Activation
LARM sounds when
Threshold is reached
Press.
4.00 cm
ALARM
5.50
Press UP and DN to set the
Alarm Threshold in increments
of 0.25cm.
Press ENT to activate the
Alarm.
Alarm is now Active. Note the outputs of the current Pressure in
cm, and the Alarm Threshold point. Once crossed, the red LED will
flash as the buzzer sounds. Try activating by moving the tube up
and down in a column of water.
Temperature Sensor
1. Alti/Baro
Press
2. Waterlevel
UPorDN
3. Inertial
4. Additional
‘4’
Additional
Press
a. Weather
UPorDN
b. Weather Advanced
c. Temp Sensor
‘c’
Temperature
External Temp Sensor
1487 ADC
031 Deg C
087 Deg F
Value of the External Temperature sensor is displayed on the
screen in °C and °F
Inertial Sensor
1. Alti/Baro
Press
2. Waterlevel
UPorDN
3. Inertial
4. Additional
‘3’
3. Inertial
MMA7361L 3 Axis
Accelerometer 1.5g
Press ENTER
TRaw Values of Accel
X axis
1594
Y axis
1663
Z axis
2388
Tilt Angle
X axis
-2deg
Y axis
-4deg
Z axis
90deg
ADC values of the MMA7361L
are displayed on the screen.
Press Enter to proceed to the
next screen
ADC values are converted and
displayed on the screen as an
angle for X, Y and Z axis.
Press Enter to continue to
Free Fall Detection.
Free Fall detect
Drop carefully in Linear
Free Fall only.
FF detected!!
Drop board in linear manner to
hear buzzer detecting Free
Fall condition, and Red LED
will blink with buzzer. Exit Free
Fall and Inertial by pressing
ESC.
ENT
ENT
ENT
ENT
ENT
ENT
ENT
ENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com