Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102A Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPXM2102A
Description  DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2102A Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPXM2102A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AN3956
Sensors
Freescale Semiconductor
11
Hardware Issues to Consider when Designing such a Circuit
ADC Resolution: Since the MPXM2102A is an analog part, the ADC resolution is important to get the resolution needed for
stable measurement. The ADC has to be greater than 16-bits to gain 3 foot intervals in measurement.
Noise: Noise on the board has to be minimized. The digital and analog supplies and grounds must be separated. The
MPXM2102A on the DEMOAPEXSENSOR has its own dedicated shunt voltage reference after the 5 V regulator. The external
ADC also has its own digital and analog 5 V lines separated. The reference voltage on the ADC has its own shunt reference to
provide a stable value to compare ADC results. The board is 4 layers with a ground and Vdd plane to minimize parasitic
capacitance that creates noise. Analog 5 V has its own separated section from the digital 5 V in the power layer of the layout.
This minimizes the noise on both 5 V digital and 5 V analog sections.
Air Flow: The pressure sensor should have a cover when trying to measure a sub 1 m altitude measurement. Either the unit
should be housed in a box, or in a customer application and should have a method to introduce a laminar flow of air. This will
reduce A/C and breeze effects on the pressure sensor. Most applications of such, include a housing perforated with small holes.
This prevents a strong breeze from affecting the sensor, by filtering out the drastic pressure changes. DEMOAPEXSENSOR, as
a demo board, has no such housing.
Software Considerations
Filtering: There are high frequency noise and sensor fluctuations that have to be handled. In the software, two low pass filters
are used to minimize fluctuations in the ADC values. This makes the conversions slower, but the values are more stable. Low
pass filters are better than using a running average. A running average is a filter that does not discriminate noise outliers as well,
since it is included in the result.
Calibration Routines: As seen in the experimental section of the APEX board, it is possible to improve results with various
software calibrations. A simple example is done in the APEX code, but could be further worked with a possibility of multiple
sensors to take this further with motion combined. It will be explained in the short distance model of altimetry in this application
note.
Altimetry Background Information (refer to AN3914)
Altimetry utilizes absolute pressure sensors. An absolute sensor measures the deflection of the surrounding barometric
pressure with reference to a known pressure (usually a vacuum). This allows it to compare the air pressure at sea level
(101.3kPa) to the vacuum to gain an absolute pressure result. At a different elevation, the barometric (surrounding) pressure can
be compared again to the vacuum for that absolute pressure result. Since both readings were taken against the same reference,
they can be compared against each other.
Barometric pressure does not have a linear relationship with altitude. As altitude increases, the pressure decreases. Common
reference points are given in Table 3.
Figure 6. Altitude vs. Pressure
Table 3. Reference Points
Location
Altitude (m)
Altitude (ft)
Pressure (kPa)
Sea Level
0
0
101.3
Dead Sea (lowest surface on earth)
-396
-1300
106
Summit of Everest
10,058
+33,000
33
20000
15000
10000
5000
0
-5000
45
55
65
75
85
95
105
115
125
PRESSURE (kPA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com