Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102A Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPXM2102A
Description  DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2102A Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPXM2102A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 16Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 17Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 18Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 19Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AN3956
Sensors
Freescale Semiconductor
17
Waterlevel Implementation with the MPXV5004G
The DEMOAPEXSENSOR has the MPXV5004G gauge pressure sensor on board. This is located on the backside of the demo
board. It has a top port, which is to be used with the supplied high temp silicone hose.
The output of the MPXV5004G is shown in Table 9.
The part has a offset of 1 V with a sensitivity of 9.8 mV/mm H20. On the DEMOAPEXSENSOR the value is sampled with a
12-bit ADC from the JM60 MCU. Note the following when considering waterlevel:
• It is important to implement Auto Zero (AN1636) to improve accuracy.
• Calibration can be done, ideally with a two point calibration.
• The sensor must be implemented with an air column buffer between the liquid and the sensor. This is done with a section
of tubing as in Figure 8.
• It is a gauge application, so the pressure measured is with respect to barometric pressure; when elevation varies, the
pressure seen at the sensor is the same, only dependent on liquid height.
Figure 8. Waterlevel Connection to Pressure Sensor
Figure 9. Hot Water Heater
Figure 10. Conical Bottom for Measurement
Table 9. Operating Characteristics (VS = 5.0 VDC, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Units
Pressure Range
POP
0
—
3.92
400
kPa
mm H2O
Supply Voltage
VS
4.75
5.0
5.25
VDC
Supply Current
IS
—
—
10
mAdc
Span @ 306 mm H2O (3 kPa)
Full Scale Span @ 400 mm H2O (3.92 kPa)
VFSS
—
—
3.0
4.0
—
—
V
Offset
VOFF
0.75
1.0
1.25
V
Sensitivity
V/P
—
1.0
—
V/kPa
Accuracy
0 to 100 mm H2O (10 to 60°C)
100 to 400 mm H2O (10 to 60°C)
0 to 400 mm H2O (10 to 60°C)
—
—
—
—
—
—
—
—
—
±1.5
±2.5
±6.25
%VFSS with auto zero
%VFSS with auto zero
%VFSS without auto zero
Curved Bottom
Improved resolution when tank
is almost empty
More vertical height per
less volume H2O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com