Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9321 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # P89LPC9321
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9321 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button P89LPC9321 Datasheet HTML 18Page - NXP Semiconductors P89LPC9321 Datasheet HTML 19Page - NXP Semiconductors P89LPC9321 Datasheet HTML 20Page - NXP Semiconductors P89LPC9321 Datasheet HTML 21Page - NXP Semiconductors P89LPC9321 Datasheet HTML 22Page - NXP Semiconductors P89LPC9321 Datasheet HTML 23Page - NXP Semiconductors P89LPC9321 Datasheet HTML 24Page - NXP Semiconductors P89LPC9321 Datasheet HTML 25Page - NXP Semiconductors P89LPC9321 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
P89LPC9321_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 9 December 2008
22 of 70
NXP Semiconductors
P89LPC9321
8-bit microcontroller with accelerated two-clock 80C51 core
7.5 Clock output
The P89LPC9321 supports a user-selectable clock output function on the
XTAL2/CLKOUT pin when crystal oscillator is not being used. This condition occurs if
another clock source has been selected (on-chip RC oscillator, watchdog oscillator,
external clock input on XTAL1) and if the RTC and WDT are not using the crystal oscillator
as their clock source. This allows external devices to synchronize to the P89LPC9321.
This output is enabled by the ENCLK bit in the TRIM register.
The frequency of this clock output is 1
⁄
2 that of the CCLK. If the clock output is not needed
in Idle mode, it may be turned off prior to entering Idle, saving additional power.
7.6 On-chip RC oscillator option
The P89LPC9321 has a 6-bit TRIM register that can be used to tune the frequency of the
RC oscillator. During reset, the TRIM value is initialized to a factory preprogrammed value
to adjust the oscillator frequency to 7.373 MHz
± 1 % at room temperature. End-user
applications can write to the TRIM register to adjust the on-chip RC oscillator to other
frequencies. When the clock doubler option is enabled (UCFG2.7 = 1), the output
frequency is 14.746 MHz. If CCLK is 8 MHz or slower, the CLKLP SFR bit (AUXR1.7) can
be set to logic 1 to reduce power consumption. On reset, CLKLP is logic 0 allowing
highest performance access. This bit can then be set in software if CCLK is running at
8 MHz or slower. When clock doubler option is enabled, BOE1 bit (UCFG1.5) and BOE0
bit (UCFG1.3) are required to hold the device in reset at power-up until VDD has reached
its specified level.
7.7 Watchdog oscillator option
The watchdog has a separate oscillator which has a frequency of 400 kHz, calibrated to
± 5 % at room temperature. This oscillator can be used to save power when a high clock
frequency is not needed.
7.8 External clock input option
In this configuration, the processor clock is derived from an external source driving the
P3.1/XTAL1 pin. The rate may be from 0 Hz up to 18 MHz. The P3.0/XTAL2 pin may be
used as a standard port pin or a clock output. When using an oscillator frequency above
12 MHz, BOE1 bit (UCFG1.5) and BOE0 bit (UCFG1.3) are required to hold the device in
reset at power-up until VDD has reached its specified level.
7.9 Clock sources switch on the fly
P89LPC9321 can implement clock source switch in any sources of watchdog oscillator,
7 MHz/14 MHz IRC oscillator, external clock source (external crystal or external clock
input) during code is running. CLKOK bit in CLKCON register is used to indicate the clock
switch status. CLKOK is cleared when starting clock source switch and set when
completed. Notice that when CLKOK is ‘0’, writing to CLKCON register is not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com