Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9321 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # P89LPC9321
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9321 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button P89LPC9321 Datasheet HTML 44Page - NXP Semiconductors P89LPC9321 Datasheet HTML 45Page - NXP Semiconductors P89LPC9321 Datasheet HTML 46Page - NXP Semiconductors P89LPC9321 Datasheet HTML 47Page - NXP Semiconductors P89LPC9321 Datasheet HTML 48Page - NXP Semiconductors P89LPC9321 Datasheet HTML 49Page - NXP Semiconductors P89LPC9321 Datasheet HTML 50Page - NXP Semiconductors P89LPC9321 Datasheet HTML 51Page - NXP Semiconductors P89LPC9321 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
P89LPC9321_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 9 December 2008
48 of 70
NXP Semiconductors
P89LPC9321
8-bit microcontroller with accelerated two-clock 80C51 core
7.30.8 ISP
ISP is performed without removing the microcontroller from the system. The ISP facility
consists of a series of internal hardware resources coupled with internal firmware to
facilitate remote programming of the P89LPC9321 through the serial port. This firmware is
provided by NXP and embedded within each P89LPC9321 device. The NXP ISP facility
has made in-system programming in an embedded application possible with a minimum
of additional expense in components and circuit board area. The ISP function uses five
pins (VDD, VSS, TXD, RXD, and RST). Only a small connector needs to be available to
interface your application to an external circuit in order to use this feature.
7.30.9 Power-on reset code execution
The P89LPC9321 contains two special flash elements: the Boot Vector and the Boot
Status bit. Following reset, the P89LPC9321 examines the contents of the Boot Status bit.
If the Boot Status bit is set to zero, power-up execution starts at location 0000H, which is
the normal start address of the user’s application code. When the Boot Status bit is set to
a value other than zero, the contents of the Boot Vector are used as the high byte of the
execution address and the low byte is set to 00H.
Table 8 shows the factory default Boot Vector setting for these devices. A factory-provided
boot loader is pre-programmed into the address space indicated and uses the indicated
boot loader entry point to perform ISP functions. This code can be erased by the user.
Remark: Users who wish to use this loader should take precautions to avoid erasing the
1 kB sector that contains this boot loader. Instead, the page erase function can be used to
erase the first eight 64-byte pages located in this sector.
A custom boot loader can be written with the Boot Vector set to the custom boot loader, if
desired.
7.30.10 Hardware activation of the boot loader
The boot loader can also be executed by forcing the device into ISP mode during a
power-on sequence (see the P89LPC9321
User manual for specific information). This has
the same effect as having a non-zero status byte. This allows an application to be built that
will normally execute user code but can be manually forced into ISP operation. If the
factory default setting for the boot vector (1FH) is changed, it will no longer point to the
factory pre-programmed ISP boot loader code. After programming the flash, the status
byte should be programmed to zero in order to allow execution of the user’s application
code beginning at address 0000H.
7.31 User configuration bytes
Some user-configurable features of the P89LPC9321 must be defined at power-up and
therefore cannot be set by the program after start of execution. These features are
configured through the use of the flash byte UCFG1 and UCFG2. Please see the
P89LPC9321
User’s Manual for additional details.
Table 8.
Default boot vector values and ISP entry points
Device
Default
boot vector
Default
boot loader
entry point
Default boot loader
code range
1 kB sector
range
P89LPC9321
1FH
1F00H
1E00H to 1FFFH
1C00H to 1FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com