Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9321 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # P89LPC9321
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9321 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button P89LPC9321 Datasheet HTML 45Page - NXP Semiconductors P89LPC9321 Datasheet HTML 46Page - NXP Semiconductors P89LPC9321 Datasheet HTML 47Page - NXP Semiconductors P89LPC9321 Datasheet HTML 48Page - NXP Semiconductors P89LPC9321 Datasheet HTML 49Page - NXP Semiconductors P89LPC9321 Datasheet HTML 50Page - NXP Semiconductors P89LPC9321 Datasheet HTML 51Page - NXP Semiconductors P89LPC9321 Datasheet HTML 52Page - NXP Semiconductors P89LPC9321 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
P89LPC9321_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 9 December 2008
49 of 70
NXP Semiconductors
P89LPC9321
8-bit microcontroller with accelerated two-clock 80C51 core
7.32 User sector security bytes
There are eight User Sector Security Bytes on the P89LPC9321. Each byte corresponds
to one sector. Please see the P89LPC9321
User manual for additional details.
7.33 PGA
Additional PGA module is integrated. The gain of PGA can be programmable to 2, 4, 8
and 16. Please refer to Table 10 “Static characteristics” for detailed specifications.
Register PGACON1 and PGACON1B are used to for PGA1 configuration. Register
PGA1TRIM2X4X and PGA1TRIM8X16X provide trim value of PGA1 gain level. As
power-on, default trim value for each gain setting is loaded into the PGA1 trim registers.
For accurate measurements, offset calibration is required.
Please see the P89LPC9321
User manual for detail configuration, calibration, and usage
information.
In Power-down mode or Total Power-down mode, the PGA1 does not function. If the
PGAs, is enabled, it will consume power. Power can be reduced by disabling the PGA1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com