Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9321 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P89LPC9321
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9321 Datasheet(HTML) 1 Page - NXP Semiconductors

  P89LPC9321 Datasheet HTML 1Page - NXP Semiconductors P89LPC9321 Datasheet HTML 2Page - NXP Semiconductors P89LPC9321 Datasheet HTML 3Page - NXP Semiconductors P89LPC9321 Datasheet HTML 4Page - NXP Semiconductors P89LPC9321 Datasheet HTML 5Page - NXP Semiconductors P89LPC9321 Datasheet HTML 6Page - NXP Semiconductors P89LPC9321 Datasheet HTML 7Page - NXP Semiconductors P89LPC9321 Datasheet HTML 8Page - NXP Semiconductors P89LPC9321 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
1.
General description
The P89LPC9321 is a single-chip microcontroller, available in low cost packages, based
on a high performance processor architecture that executes instructions in two to four
clocks, six times the rate of standard 80C51 devices. Many system-level functions have
been incorporated into the P89LPC9321 in order to reduce component count, board
space, and system cost.
2.
Features
2.1 Principal features
I 8 kB byte-erasable flash code memory organized into 1 kB sectors and 64-byte pages.
Single-byte erasing allows any byte(s) to be used as non-volatile data storage.
I 256-byte RAM data memory and a 512-byte auxiliary on-chip RAM.
I 512-byte customer data EEPROM on-chip allows serialization of devices, storage of
setup parameters, etc.
I Two analog comparators with selectable inputs and reference source.
I Single Programmable Gain Amplifier (PGA) with selectable gains of 2x, 4x, 8x, or 16x
can be applied to analog comparator inputs.
I Two 16-bit counter/timers (each may be configured to toggle a port output upon timer
overflow or to become a PWM output).
I A 23-bit system timer that can also be used as real-time clock consisting of a 7-bit
prescaler and a programmable and readable 16-bit timer.
I Enhanced UART with a fractional baud rate generator, break detect, framing error
detection, and automatic address detection; 400 kHz byte-wide I2C-bus
communication port and SPI communication port.
I Capture/Compare Unit (CCU) provides PWM, input capture, and output compare
functions.
I 2.4 V to 3.6 V VDD operating range. I/O pins are 5 V tolerant (may be pulled up or
driven to 5.5 V).
I 4-level low voltage (brownout) detect allows a graceful system shutdown when power
fails. May optionally be configured as an interrupt.
I 28-pin TSSOP, PLCC and DIP packages with 23 I/O pins minimum and up to 26 I/O
pins while using on-chip oscillator and reset options.
P89LPC9321
8-bit microcontroller with accelerated two-clock 80C51 core
8 kB 3 V byte-erasable flash with 512-byte data EEPROM
Rev. 01 — 9 December 2008
Product data sheet


Similar Part No. - P89LPC9321

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC932 PHILIPS-P89LPC932 Datasheet
877Kb / 51P
80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM
Rev. 04-06 January 2004
P89LPC932 PHILIPS-P89LPC932 Datasheet
291Kb / 60P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
Rev. 04-06 January 2004
P89LPC932 PHILIPS-P89LPC932 Datasheet
316Kb / 64P
8-Bit Microcontroller with accelerated two-clock 80C51 core 8kB 3V byte-erasable flash with 512-byte data EEPROM
Rev. 02-10 May 2005
P89LPC932A1 PHILIPS-P89LPC932A1 Datasheet
316Kb / 64P
8-Bit Microcontroller with accelerated two-clock 80C51 core 8kB 3V byte-erasable flash with 512-byte data EEPROM
Rev. 02-10 May 2005
P89LPC932A1 NXP-P89LPC932A1 Datasheet
333Kb / 64P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
Rev. 03-12 March 2007
More results

Similar Description - P89LPC9321

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC932 PHILIPS-P89LPC932 Datasheet
291Kb / 60P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
Rev. 04-06 January 2004
P89LPC932A1 PHILIPS-P89LPC932A1 Datasheet
316Kb / 64P
8-Bit Microcontroller with accelerated two-clock 80C51 core 8kB 3V byte-erasable flash with 512-byte data EEPROM
Rev. 02-10 May 2005
P89LPC952 PHILIPS-P89LPC952 Datasheet
307Kb / 66P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 01-16 September 2005
P89LPC933 NXP-P89LPC933 Datasheet
366Kb / 75P
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 07-26 November 2008
P89LPC952 NXP-P89LPC952 Datasheet
339Kb / 69P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 04-24 July 2008
P89LPC9351 NXP-P89LPC9351 Datasheet
341Kb / 74P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-19 November 2008
P89LPC9151 NXP-P89LPC9151 Datasheet
1Mb / 91P
8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 02-9 February 2010
P89LPC932A1 NXP-P89LPC932A1 Datasheet
333Kb / 64P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
Rev. 03-12 March 2007
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC9331 NXP-P89LPC9331_11 Datasheet
650Kb / 94P
8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable
Rev. 5-10 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com