Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 120Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 121Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 122Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 123Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 124Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 125Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 126Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 127Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
124
Freescale Semiconductor
•
Maximum solder bump diameter measured parallel to datum A.
•
Datum A, the seating plane, is determined by the spherical crowns of the solder bumps.
•
Parallelism measurement shall exclude any effect of mark on top surface of package.
Figure 98. 17x17 i.MX25 Production Package
4.2
Ground, Power, Sense, and Reference Contact Assignments
Case 17x17 mm, 0.8 mm Pitch
Table 98 shows the 17
×17 mm package ground, power, sense, and reference contact assignments.
Table 98. 17x17 mm Package Ground, Power Sense, and Reference Contact Assignments
Contact Name
Contact Assignment
BATT_VDD
P10
FUSE_VDD
T17
MPLL_GND
U17
MPLL_VDD
U18
NGND_ADC
Y13
NVCC_ADC
W13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com