Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 117Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 118Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 119Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 120Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 121Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 122Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 123Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 124Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
Freescale Semiconductor
121
3.7.20.1.4
VP_VM Unidirectional Mode Timing
Table 94 defines the signals for USB in VP_VM unidirectional mode.
Figure 95 shows the USB transmit waveform in VP_VM unidirectional mode diagram.
Figure 95. USB Transmit Waveform in VP_VM Unidirectional Mode
US26
Rx rise/fall time
USB_DAT_VP
In
—
3.0
ns
35 pF
US27
Rx rise/fall time
USB_SE0_VM
In
—
3.0
ns
35 pF
US28
Rx skew
USB_DAT_VP
Out
–4.0
+4.0
ns
USB_SE0_VM
US29
Rx skew
USB_RCV
Out
–6.0
+2.0
ns
USB_DAT_VP
Table 94. Signal Definitions for USB VP_VM Unidirectional Mode
Name
Direction
Signal Description
USB_TXOE_B
Out
Transmit enable, active low
USB_DAT_VP
Out
Tx VP data when USB_TXOE_B is low
USB_SE0_VM
Out
Tx VM data when USB_TXOE_B is low
USB_VP1
In
Rx VP data when USB_TXOE_B is high
USB_VM1
In
Rx VM data when USB_TXOE_B is high
USB_RCV
In
Differential Rx data
Table 93. USB Port Timing Specifications in VP_VM Bidirectional Mode (continued)
No.
Parameter
Signal Name
Direction
Min.
Max.
Unit
Condition/
Reference Signal
USB_DAT_VP
USB_SE0_VM
US30
US31
Transmit
USB_TXOE_B
US32
US34
US33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com