Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 115Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 116Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 117Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 118Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 119Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 120Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 121Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 122Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
Freescale Semiconductor
119
Figure 92 shows the USB receive waveform in DAT_SE0 unidirectional mode diagram.
Figure 92. USB Receive Waveform in DAT_SE0 Unidirectional Mode
Table 91 shows the USB port timing specification in DAT_SE0 unidirectional mode.
3.7.20.1.3
VP_VM Bidirectional Mode Timing
Table 92 defines the VP_VM bidirectional mode signals.
Table 91. USB Port Timing Specification in DAT_SE0 Unidirectional Mode
No.
Parameter
Signal Name
Signal
Source
Min.
Max.
Unit
Condition/
Reference Signal
US9
Tx rise/fall time
USB_DAT_VP
Out
—
5.0
ns
50 pF
US10
Tx rise/fall time
USB_SE0_VM
Out
—
5.0
ns
50 pF
US11
Tx rise/fall time
USB_TXOE_B
Out
—
5.0
ns
50 pF
US12
Tx duty cycle
USB_DAT_VP
Out
49.0
51.0
%
—
US13
Enable Delay
USB_DAT_VP
USB_SE0_VM
In
—
8.0
ns
USB_TXOE_B
US14
Disable Delay
USB_DAT_VP
USB_SE0_VM
In
—
10.0
ns
USB_TXOE_B
US15
Rx rise/fall time
USB_VP1
In
—
3.0
ns
35 pF
US16
Rx rise/fall time
USB_VM1
In
—
3.0
ns
35 pF
US17
Rx rise/fall time
USB_RCV
In
—
3.0
ns
35 pF
Table 92. Signal Definitions—VP_VM Bidirectional Mode
Name
Direction
Signal Description
USB_TXOE_B
Out
• Transmit enable, active low
USB_DAT_VP
Out (Tx)
In (Rx)
• Tx VP data when USB_TXOE_B is low
• Rx VP data when USB_TXOE_B is high
USB_SE0_VM
Out (Tx)
In (Rx)
• Tx VM data when USB_TXOE_B low
• Rx VM data when USB_TXOE_B high
USB_RCV
In
• Differential Rx data
US14
US17
US13
RCV
USB_DAT_VP
USB_SE0_VM
Receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com