Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 112Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 113Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 114Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 115Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 116Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 117Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 118Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 119Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
116
Freescale Semiconductor
3.7.19.2.4
UART IrDA Mode Receive Timing
Figure 88 shows the UART receive timing for IrDA mode, for a format of 8 data bits and 1 stop bit.
Table 87 describes the timing parameters (UA5–UA6) shown in the figure.
Figure 88. UART IrDA Mode Receive Timing Diagram
3.7.20
USBOTG Timing
This section describes timing for the USB OTG port and host ports. Both serial and parallel interfaces are
described.
3.7.20.1
USB Serial Interface Timing
The USB serial transceiver is configurable to four modes supporting four different serial interfaces:
•
DAT_SE0 bidirectional, 3-wire mode
•
DAT_SE0 unidirectional, 6-wire mode
•
VP_VM bidirectional, 4-wire mode
•
VP_VM unidirectional, 6-wire mode
The following subsections describe the timings for these four modes.
Table 86. UART IrDA Mode Transmit Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Units
UA3
Transmit bit time in IrDA mode
tTIRbit
1/Fbaud_rate
1 – T
ref_clk
2
1 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
2 T
ref_clk: The period of UART reference clock ref_clk (ipg_perclk after RFDIV divider).
1/Fbaud_rate + Tref_clk
—
UA4
Transmit IR pulse duration
tTIRpulse
(3/16)
× (1/Fbaud_rate) – Tref_clk (3/16) × (1/Fbaud_rate) + Tref_clk
—
Table 87. UART IrDA Mode Receive Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Units
UA5
Receive bit time1 in IrDA mode
1 Note: The UART receiver can tolerate 1/(16 × F
baud_rate) tolerance in each bit. But accumulation tolerance in one frame must
not exceed 3/(16
× Fbaud_rate).
tRIRbit
1/Fbaud_rate
2 – 1/(16 × F
baud_rate)
2 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
1/Fbaud_rate + 1/(16 × Fbaud_rate)—
UA6
Receive IR pulse duration
tRIRpulse
1.41 us
(5/16)
× (1/Fbaud_rate)—
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
RXD
(input)
Bit 3
Start
Bit
STOP
BIT
Possible
Parity
Bit
UA5
UA5
UA5
UA5
UA6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com