Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 111Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 112Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 113Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 114Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 115Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 116Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 117Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 118Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
Freescale Semiconductor
115
3.7.19.1.2
UART Receive Timing in RS-232 Serial Mode
Figure 86 shows the UART receive timing in RS-232 serial mode, showing only 8 data bits and 1 stop bit.
Table 85 describes the timing parameter (UA2) shown in the figure.
–
Figure 86. UART RS-232 Serial Mode Receive Timing Diagram
3.7.19.2
UART Infrared (IrDA) Mode Timing
The following subsections describe the UART transmit and receive timing in IrDA mode.
3.7.19.2.3
UART IrDA Mode Transmit Timing
Figure 87 depicts the UART transmit timing in IrDA mode, showing only 8 data bits and 1 stop bit.
Table 86 describes the timing parameters (UA3–UA4) shown in the figure.
Figure 87. UART IrDA Mode Transmit Timing Diagram
Table 84. UART RS-232 Serial Mode Transmit Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Units
UA1
Transmit Bit Time
tTbit
1/Fbaud_rate
1 – T
ref_clk
2
1 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
2 T
ref_clk: The period of UART reference clock ref_clk (ipg_perclk after RFDIV divider).
1/Fbaud_rate + Tref_clk
—
Table 85. UART RS-232 Serial Mode Receive Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Units
UA2
Receive bit time1
1 Note: The UART receiver can tolerate 1/(16 × Fbaud_rate) tolerance in each bit. But accumulation tolerance in one frame must
not exceed 3/(16
× Fbaud_rate).
tRbit
1/Fbaud_rate
2 – 1/(16
× Fbaud_rate)
2 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
1/Fbaud_rate + 1/(16
× Fbaud_rate)
—
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
RXD
(input)
Bit 3
Start
Bit
STOP
BIT
Next
Start
Bit
Possible
Parity
Bit
Par Bit
UA2
UA2
UA2
UA2
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
TXD
(output)
Bit 3
Start
Bit
STOP
BIT
Possible
Parity
Bit
UA3
UA3
UA3
UA3
UA4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com