Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 107Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 108Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 109Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 110Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 111Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 112Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 113Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 114Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
Freescale Semiconductor
111
3.7.18.2
ADC Timing Diagrams
Figure 82 represents the synchronization between the signals clk, soc, eoc, and the output bits in the usage
of the internal ADC. After a conversion cycle eoc is asserted, a new conversion begins only when the
assertion of soc is detected. Thus, if the soc signal is continuously asserted, the ADC undergoes successive
conversion cycles and achieves the maximum sampling rate. If soc is negated, no conversion is initiated.
Power Supply Requirements
Current consumption2
NVCC_ADC
QVDD
——
—
2.1
0.5
mA
mA
Power-down current
NVCC_ADC
QVDD
——
—
1
10
uA
uA
Touchscreen Interface
Expected plate resistance
—
100
—
1500
Ω
Switch drivers on
resistance
GND and VDD switches
—
—
10
Ω
Conversion Characteristics3
DNL4
fin = 1 kHz
—
+/–0.75
—
LSB
INL4
fin = 1 kHz
—
+/–2.0
—
LSB
Gain + Offset Error
—
—
—
+/–2
%FS
1 This comprises only the required initial dummy conversion cycle. Additional power-up time depends on the enadc, reset and
soc signals applied to the touchscreen controller.
2 This value only includes the ADC and the driver switches, but it does not take into account the current consumption in the
touchscreen plate. For example, if the plate resistance is 100 W, the total current consumption is about 33 mA.
3 At avdd = 3.3 V, dvdd = 1.2 V, Tjunction = 50 °C, fclk = 1.75 MHz, any process corner, unless otherwise noted.
4 Value measured with a –0.5 dBFS sinusoidal input signal and computed with the code density test.
Table 83. Touchscreen ADC Electrical Specifications (continued)
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com