Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 106Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 107Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 108Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 109Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 110Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 111Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 112Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 113Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
110
Freescale Semiconductor
• ”Tx” and “Rx” refer, respectively, to the transmit and receive sections of the SSI.
• For internal frame sync operation using external clock, the FS timing is the same as that of Tx data (for example, during AC97
mode of operation).
3.7.18
Touchscreen ADC Electrical Specifications and Timing
This section describes the electrical specifications, operation modes, and timing of the touchscreen ADC.
3.7.18.1
ADC Electrical Specifications
Table 83 shows the electrical specifications for the touchscreen ADC.
Table 83. Touchscreen ADC Electrical Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
ADC
Input sampling
capacitance (
CS)
No pin/pad capacitance included
—
2
—
pF
Resolution
—
12
bits
Analog Bias
Resistance value
between
ref and agndref
——
1.6
—
k
Ω
Timing Characteristics
Sampling rate (fs)
—
—
—
125
kHz
Internal ADC/TSC clock
frequency
——
—
1.75
MHz
Multiplexed inputs
—
8
—
Data latency
—
12.5
clk
cycles
Power-up time1
—14
clk
cycles
clk falling edge to
sampling delay (tsd)
—2
5
8
ns
soc input setup time
before clk rising edge
(tsocst)
—0.5
1
3
ns
soc input hold time after
clk rising edge (tsochld)
—2
3
6
ns
eoc delay after clk rise
edge (teoc)
With a 250fF load
2
7
10
ns
Valid data out delay after
eoc rise edge (tdata)
With a 250fF load
5
8
13
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com