Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 104Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 105Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 106Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 107Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 108Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 109Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 110Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 111Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
108
Freescale Semiconductor
Note:
• All the timings for the SSI are given for a non-inverted serial clock polarity (TSCKP/RSCKP = 0) and a non-inverted frame sync
(TFSI/RFSI = 0). If the polarity of the clock and/or the frame sync have been inverted, all the timing remains valid by inverting
the clock signal STCK/SRCK and/or the frame sync STFS/SRFS shown in the tables figures.
• All timings are on pads when SSI is being used for data transfer.
• ”Tx” and “Rx” refer, respectively, to the transmit and receive sections of the SSI.
• For internal frame sync operation using external clock, the FS timing is the same as that of Tx data (for example, during AC97
mode of operation).
Table 81. SSI Transmitter Timing with External Clock
ID
Parameter
Min.
Max.
Unit
External Clock Operation
SS22
(Tx/Rx) CK clock period
81.4
—
ns
SS23
(Tx/Rx) CK clock high period
36.0
—
ns
SS24
(Tx/Rx) CK clock rise time
—
6.0
ns
SS25
(Tx/Rx) CK clock low period
36.0
—
ns
SS26
(Tx/Rx) CK clock fall time
—
6.0
ns
SS27
FS (bl) low/ high setup before (Tx) CK falling
–10.0
15.0
ns
SS29
FS (bl) low/ high setup before (Tx) CK falling
10.0
—
ns
SS31
FS (wl) low/ high setup before (Tx) CK falling
–10.0
15.0
ns
SS33
FS (wl) low/ high setup before (Tx) CK falling
10.0
—
ns
SS37
(Tx) CK high to STXD valid from high impedance
—
15.0
ns
SS38
(Tx) CK high to STXD high/low
—
15.0
ns
SS39
(Tx) CK high to STXD high impedance
—
15.0
ns
Synchronous External Clock Operation
SS44
SRXD setup before (Tx) CK falling
10.0
—
ns
SS45
SRXD hold after (Tx) CK falling
2.0
—
ns
SS46
SRXD rise/fall time
—
6.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com