Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 100Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 101Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 102Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 103Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 104Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 105Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 106Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 107Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
104
Freescale Semiconductor
3.7.17
Synchronous Serial Interface (SSI) Timing
The following subsections describe SSI timing in four cases:
•
Transmitter with external clock
•
Receiver with external clock
•
Transmitter with internal clock
•
Receiver with internal clock
3.7.17.1
SSI Transmitter Timing with Internal Clock
Figure 78 shows the timing for SSI transmitter with internal clock, and Table 79 describes the timing
parameters (SS1–SS52).
Figure 78. SSI Transmitter with Internal Clock Timing Diagram
Table 78. SLCDC Parallel Interface Timing Parameters
Symbol
Parameter
Min.
Typ.
Max.
Units
tcyc
Parallel clock cycle time
78 (
±) tprop
—
4923
ns
tds
Data setup time
(tcyc / 2) (±) tprop
——
—
tdh
Data hold time
(tcyc / 2) (±) tprop
——
—
trss
Register select setup time
(tcyc / 2) (±) tprop
——
—
trsh
Register select hold time
(tcyc / 2) (±) tprop
——
—
SS19
AUDn_TXC
AUDn_TXFS (bl)
AUDn_TXFS (wl)
SS1
AUDn_TXD
AUDn_RXD
SS2
SS4
SS3
SS5
SS6
SS8
SS10
SS12
SS14
SS18
SS15
SS17
SS16
SS43
SS42
Note: SRXD Input in Synchronous mode only
(Output)
(Output)
(Output)
(Output)
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com