Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 101Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 102Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 103Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 104Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 105Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 106Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 107Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 108Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
Freescale Semiconductor
105
Note:
• All the timings for the SSI are given for a non-inverted serial clock polarity (TSCKP/RSCKP = 0) and a non-inverted frame sync
(TFSI/RFSI = 0). If the polarity of the clock and/or the frame sync have been inverted, all the timing remains valid by inverting
the clock signal STCK/SRCK and/or the frame sync STFS/SRFS shown in the tables and in the figures.
• All timings are on pads when SSI is being used for a data transfer.
• ”Tx” and “Rx” refer, respectively, to the transmit and receive sections of the SSI.
• For internal frame sync operation using external clock, the FS timing is the same as that of Tx data (for example, during AC97
mode of operation).
Table 79. SSI Transmitter Timing with Internal Clock
ID
Parameter
Min.
Max.
Unit
Internal Clock Operation
SS1
(Tx/Rx) CK clock period
81.4
—
ns
SS2
(Tx/Rx) CK clock high period
36.0
—
ns
SS3
(Tx/Rx) CK clock rise time
—
6.0
ns
SS4
(Tx/Rx) CK clock low period
36.0
—
ns
SS5
(Tx/Rx) CK clock fall time
—
6.0
ns
SS6
(Tx) CK high to FS (bl) high
—
15.0
ns
SS8
(Tx) CK high to FS (bl) low
—
15.0
ns
SS10
(Tx) CK high to FS (wl) high
—
15.0
ns
SS12
(Tx) CK high to FS (wl) low
—
15.0
ns
SS14
(Tx/Rx) internal FS rise time
—
6.0
ns
SS15
(Tx/Rx) internal FS fall time
—
6.0
ns
SS16
(Tx) CK high to STXD valid from high impedance
—
15.0
ns
SS17
(Tx) CK high to STXD high/low
—
15.0
ns
SS18
(Tx) CK high to STXD high impedance
—
15.0
ns
SS19
STXD rise/fall time
—
6.0
ns
Synchronous Internal Clock Operation
SS42
SRXD setup before (Tx) CK falling
10.0
—
ns
SS43
SRXD hold after (Tx) CK falling
0.0
—
ns
SS52
Loading
—
25.0
pf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com