Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 107Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 108Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 109Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 110Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 111Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 112Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 113Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 114Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 338 page
background image
Chapter 7 Central Processor Unit (S08CPUV2)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
111
Table 7-3. Opcode Map (Sheet 1 of 2)
Bit-Manipulation
Branch
Read-Modify-Write
Control
Register/Memory
00
5
BRSET0
3
DIR
10
5
BSET0
2
DIR
20
3
BRA
2
REL
30
5
NEG
2
DIR
40
1
NEGA
1
INH
50
1
NEGX
1
INH
60
5
NEG
2
IX1
70
4
NEG
1IX
80
9
RTI
1
INH
90
3
BGE
2
REL
A0
2
SUB
2
IMM
B0
3
SUB
2
DIR
C0
4
SUB
3
EXT
D0
4
SUB
3
IX2
E0
3
SUB
2IX1
F0
3
SUB
1IX
01
5
BRCLR0
3
DIR
11
5
BCLR0
2
DIR
21
3
BRN
2
REL
31
5
CBEQ
3
DIR
41
4
CBEQA
3
IMM
51
4
CBEQX
3IMM
61
5
CBEQ
3
IX1+
71
5
CBEQ
2
IX+
81
6
RTS
1
INH
91
3
BLT
2
REL
A1
2
CMP
2
IMM
B1
3
CMP
2
DIR
C1
4
CMP
3
EXT
D1
4
CMP
3
IX2
E1
3
CMP
2IX1
F1
3
CMP
1IX
02
5
BRSET1
3
DIR
12
5
BSET1
2
DIR
22
3
BHI
2
REL
32
5
LDHX
3
EXT
42
5
MUL
1
INH
52
6
DIV
1
INH
62
1
NSA
1
INH
72
1
DAA
1
INH
82
5+
BGND
1
INH
92
3
BGT
2
REL
A2
2
SBC
2
IMM
B2
3
SBC
2
DIR
C2
4
SBC
3
EXT
D2
4
SBC
3
IX2
E2
3
SBC
2IX1
F2
3
SBC
1IX
03
5
BRCLR1
3
DIR
13
5
BCLR1
2
DIR
23
3
BLS
2
REL
33
5
COM
2
DIR
43
1
COMA
1
INH
53
1
COMX
1
INH
63
5
COM
2
IX1
73
4
COM
1IX
83
11
SWI
1
INH
93
3
BLE
2
REL
A3
2
CPX
2
IMM
B3
3
CPX
2
DIR
C3
4
CPX
3
EXT
D3
4
CPX
3
IX2
E3
3
CPX
2IX1
F3
3
CPX
1IX
04
5
BRSET2
3
DIR
14
5
BSET2
2
DIR
24
3
BCC
2
REL
34
5
LSR
2
DIR
44
1
LSRA
1
INH
54
1
LSRX
1
INH
64
5
LSR
2
IX1
74
4
LSR
1IX
84
1
TAP
1
INH
94
2
TXS
1
INH
A4
2
AND
2
IMM
B4
3
AND
2
DIR
C4
4
AND
3
EXT
D4
4
AND
3
IX2
E4
3
AND
2IX1
F4
3
AND
1IX
05
5
BRCLR2
3
DIR
15
5
BCLR2
2
DIR
25
3
BCS
2
REL
35
4
STHX
2
DIR
45
3
LDHX
3
IMM
55
4
LDHX
2
DIR
65
3
CPHX
3IMM
75
5
CPHX
2
DIR
85
1
TPA
1
INH
95
2
TSX
1
INH
A5
2
BIT
2
IMM
B5
3
BIT
2
DIR
C5
4
BIT
3
EXT
D5
4
BIT
3
IX2
E5
3
BIT
2IX1
F5
3
BIT
1IX
06
5
BRSET3
3
DIR
16
5
BSET3
2
DIR
26
3
BNE
2
REL
36
5
ROR
2
DIR
46
1
RORA
1
INH
56
1
RORX
1
INH
66
5
ROR
2
IX1
76
4
ROR
1IX
86
3
PULA
1
INH
96
5
STHX
3
EXT
A6
2
LDA
2
IMM
B6
3
LDA
2
DIR
C6
4
LDA
3
EXT
D6
4
LDA
3
IX2
E6
3
LDA
2IX1
F6
3
LDA
1IX
07
5
BRCLR3
3
DIR
17
5
BCLR3
2
DIR
27
3
BEQ
2
REL
37
5
ASR
2
DIR
47
1
ASRA
1
INH
57
1
ASRX
1
INH
67
5
ASR
2
IX1
77
4
ASR
1IX
87
2
PSHA
1
INH
97
1
TAX
1
INH
A7
2
AIS
2
IMM
B7
3
STA
2
DIR
C7
4
STA
3
EXT
D7
4
STA
3
IX2
E7
3
STA
2IX1
F7
2
STA
1IX
08
5
BRSET4
3
DIR
18
5
BSET4
2
DIR
28
3
BHCC
2
REL
38
5
LSL
2
DIR
48
1
LSLA
1
INH
58
1
LSLX
1
INH
68
5
LSL
2
IX1
78
4
LSL
1IX
88
3
PULX
1
INH
98
1
CLC
1
INH
A8
2
EOR
2
IMM
B8
3
EOR
2
DIR
C8
4
EOR
3
EXT
D8
4
EOR
3
IX2
E8
3
EOR
2IX1
F8
3
EOR
1IX
09
5
BRCLR4
3
DIR
19
5
BCLR4
2
DIR
29
3
BHCS
2
REL
39
5
ROL
2
DIR
49
1
ROLA
1
INH
59
1
ROLX
1
INH
69
5
ROL
2
IX1
79
4
ROL
1IX
89
2
PSHX
1
INH
99
1
SEC
1
INH
A9
2
ADC
2
IMM
B9
3
ADC
2
DIR
C9
4
ADC
3
EXT
D9
4
ADC
3
IX2
E9
3
ADC
2IX1
F9
3
ADC
1IX
0A
5
BRSET5
3
DIR
1A
5
BSET5
2
DIR
2A
3
BPL
2
REL
3A
5
DEC
2
DIR
4A
1
DECA
1
INH
5A
1
DECX
1
INH
6A
5
DEC
2
IX1
7A
4
DEC
1IX
8A
3
PULH
1
INH
9A
1
CLI
1
INH
AA
2
ORA
2
IMM
BA
3
ORA
2
DIR
CA
4
ORA
3
EXT
DA
4
ORA
3
IX2
EA
3
ORA
2IX1
FA
3
ORA
1IX
0B
5
BRCLR5
3
DIR
1B
5
BCLR5
2
DIR
2B
3
BMI
2
REL
3B
7
DBNZ
3
DIR
4B
4
DBNZA
2
INH
5B
4
DBNZX
2
INH
6B
7
DBNZ
3
IX1
7B
6
DBNZ
2IX
8B
2
PSHH
1
INH
9B
1
SEI
1
INH
AB
2
ADD
2
IMM
BB
3
ADD
2
DIR
CB
4
ADD
3
EXT
DB
4
ADD
3
IX2
EB
3
ADD
2IX1
FB
3
ADD
1IX
0C
5
BRSET6
3
DIR
1C
5
BSET6
2
DIR
2C
3
BMC
2
REL
3C
5
INC
2
DIR
4C
1
INCA
1
INH
5C
1
INCX
1
INH
6C
5
INC
2
IX1
7C
4
INC
1IX
8C
1
CLRH
1
INH
9C
1
RSP
1
INH
BC
3
JMP
2
DIR
CC
4
JMP
3
EXT
DC
4
JMP
3
IX2
EC
3
JMP
2IX1
FC
3
JMP
1IX
0D
5
BRCLR6
3
DIR
1D
5
BCLR6
2
DIR
2D
3
BMS
2
REL
3D
4
TST
2
DIR
4D
1
TSTA
1
INH
5D
1
TSTX
1
INH
6D
4
TST
2
IX1
7D
3
TST
1IX
9D
1
NOP
1
INH
AD
5
BSR
2
REL
BD
5
JSR
2
DIR
CD
6
JSR
3
EXT
DD
6
JSR
3
IX2
ED
5
JSR
2IX1
FD
5
JSR
1IX
0E
5
BRSET7
3
DIR
1E
5
BSET7
2
DIR
2E
3
BIL
2
REL
3E
6
CPHX
3
EXT
4E
5
MOV
3DD
5E
5
MOV
2
DIX+
6E
4
MOV
3IMD
7E
5
MOV
2
IX+D
8E
2+
STOP
1
INH
9E
Page 2
AE
2
LDX
2
IMM
BE
3
LDX
2
DIR
CE
4
LDX
3
EXT
DE
4
LDX
3
IX2
EE
3
LDX
2IX1
FE
3
LDX
1IX
0F
5
BRCLR7
3
DIR
1F
5
BCLR7
2
DIR
2F
3
BIH
2
REL
3F
5
CLR
2
DIR
4F
1
CLRA
1
INH
5F
1
CLRX
1
INH
6F
5
CLR
2
IX1
7F
4
CLR
1IX
8F
2+
WAIT
1
INH
9F
1
TXA
1
INH
AF
2
AIX
2
IMM
BF
3
STX
2
DIR
CF
4
STX
3
EXT
DF
4
STX
3
IX2
EF
3
STX
2IX1
FF
2
STX
1IX
INH
Inherent
REL
Relative
SP1
Stack Pointer, 8-Bit Offset
IMM
Immediate
IX
Indexed, No Offset
SP2
Stack Pointer, 16-Bit Offset
DIR
Direct
IX1
Indexed, 8-Bit Offset
IX+
Indexed, No Offset with
EXT
Extended
IX2
Indexed, 16-Bit Offset
Post Increment
DD
DIR to DIR
IMD
IMM to DIR
IX1+
Indexed, 1-Byte Offset with
IX+D
IX+ to DIR
DIX+
DIR to IX+
Post Increment
Opcode in
Hexadecimal
Number of Bytes
F0
3
SUB
1IX
HCS08 Cycles
Instruction Mnemonic
Addressing Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com