Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 109Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 110Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 111Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 112Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 113Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 114Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 115Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 116Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 338 page
background image
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
113
Chapter 8
Analog Comparator 5-V (S08ACMPV2)
8.1
Introduction
The analog comparator module (ACMP) provides a circuit for comparing two analog input voltages or for
comparing one analog input voltage to an internal reference voltage. The comparator circuit is designed to
operate across the full range of the supply voltage (rail-to-rail operation).
Figure 8-1 shows the MC9S08SH8 block diagram with the ACMP highlighted.
8.1.1
ACMP Configuration Information
When using the bandgap reference voltage for input to ACMP+, the user must enable the bandgap buffer
by setting BGBE =1 in SPMSC1 see Section 5.7.7, “System Power Management Status and Control 1
Register (SPMSC1)”. For value of bandgap voltage reference see Section A.6, “DC Characteristics”.
8.1.2
ACMP in Stop3 Mode
S08ACMPV2 continues to operate in stop3 mode if enabled. If ACOPE is enabled, comparator output will
operate as in the normal operating mode and will control ACMPO pin. The MCU is brought out of stop
when a compare event occurs and ACIE is enabled; ACF flag sets accordingly.
8.1.3
ACMP/TPM Configuration Information
The ACMP module can be configured to connect the output of the analog comparator to TPM1 input
capture channel 0 by setting ACIC in SOPT2. With ACIC set, the TPM1CH0 pin is not available externally
regardless of the configuration of the TPM1 module for channel 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com