Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9516AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9516AD
Description  5-channel I2C-bus hub
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9516AD Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9516AD Datasheet HTML 1Page - NXP Semiconductors PCA9516AD Datasheet HTML 2Page - NXP Semiconductors PCA9516AD Datasheet HTML 3Page - NXP Semiconductors PCA9516AD Datasheet HTML 4Page - NXP Semiconductors PCA9516AD Datasheet HTML 5Page - NXP Semiconductors PCA9516AD Datasheet HTML 6Page - NXP Semiconductors PCA9516AD Datasheet HTML 7Page - NXP Semiconductors PCA9516AD Datasheet HTML 8Page - NXP Semiconductors PCA9516AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
PCA9516A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 23 April 2009
3 of 19
NXP Semiconductors
PCA9516A
5-channel I2C-bus hub
4.
Block diagram
A more detailed view of Figure 1 buffer is shown in Figure 2.
The output pull-down of each internal buffer is set for approximately 0.5 V, while the input
threshold of each internal buffer is set about 0.07 V lower, when the output is internally
driven LOW. This prevents a lock-up condition from occurring.
Fig 1.
Block diagram
PCA9516A
002aae616
VCC
SCL0
SDA0
EN4
SCL1
SDA4
SDA1
SCL4
EN1
EN3
SCL2
SDA3
SDA2
SCL3
GND
BUFFER
BUFFER
BUFFER
HUB
LOGIC
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
HUB
LOGIC
BUFFER
BUFFER
EN2
Fig 2.
Buffer detail
002aac531
to output
in
inc
data
enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com