Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9516AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9516AD
Description  5-channel I2C-bus hub
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9516AD Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9516AD Datasheet HTML 1Page - NXP Semiconductors PCA9516AD Datasheet HTML 2Page - NXP Semiconductors PCA9516AD Datasheet HTML 3Page - NXP Semiconductors PCA9516AD Datasheet HTML 4Page - NXP Semiconductors PCA9516AD Datasheet HTML 5Page - NXP Semiconductors PCA9516AD Datasheet HTML 6Page - NXP Semiconductors PCA9516AD Datasheet HTML 7Page - NXP Semiconductors PCA9516AD Datasheet HTML 8Page - NXP Semiconductors PCA9516AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The PCA9516A is a CMOS integrated circuit intended for application in I2C-bus and
SMBus systems.
While retaining all the operating modes and features of the I2C-bus system, it permits
extension of the I2C-bus by buffering both the data (SDAn) and the clock (SCLn) lines,
thus enabling five buses of 400 pF.
The I2C-bus capacitance limit of 400 pF restricts the number of devices and bus length.
Using the PCA9516A enables the system designer to divide the bus into five segments off
of a hub where any segment-to-segment transition sees only one repeater delay.
It can also be used to run different buses at 5 V and 3.3 V or 400 kHz and 100 kHz buses
where the 100 kHz bus is isolated when 400 kHz operation of the other bus is required.
Two or more PCA9516As cannot be put in series. The PCA9516A design does not
allow this configuration. Since there is no direction pin, slightly different ‘legal’ low voltage
levels are used to avoid lock-up conditions between the input and the output of each
repeater in the hub. A ‘regular LOW’ applied at the input of a PCA9516A will be
propagated as a ‘buffered LOW’ with a slightly higher value on all the enabled outputs.
When this ‘buffered LOW’ is applied to another PCA9515A, PCA9516A, or PCA9518A in
series, the second PCA9515A, PCA9516A, or PCA9518A will not recognize it as a
‘regular LOW’ and will not propagate it as a ‘buffered LOW’ again. The
PCA9510A/9511A/9513A/9514A and PCA9512A cannot be used in series with the
PCA9515A, PCA9516A, or PCA9518A, but can be used in series with themselves since
they use shifting instead of static offsets to avoid lock-up conditions.
2.
Features
I 5 channel, bidirectional buffer
I I2C-bus and SMBus compatible
I Active HIGH individual repeater enable input
I Open-drain input/outputs
I Lock-up free operation
I Supports arbitration and clock stretching across the repeater
I Accommodates Standard-mode and Fast-mode I2C-bus devices and multiple masters
I Powered-off high-impedance I2C-bus pins
I Operating supply voltage range of 2.3 V to 3.6 V
I 5.5 V tolerant I2C-bus and enable pins
PCA9516A
5-channel I2C-bus hub
Rev. 03 — 23 April 2009
Product data sheet


Similar Part No. - PCA9516AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9516AD PHILIPS-PCA9516AD Datasheet
122Kb / 13P
5-channel I2C hub
2004 Sep 29
More results

Similar Description - PCA9516AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9518 PHILIPS-PCA9518 Datasheet
109Kb / 12P
Expandable 5-channel I2C hub
2004 Sep 29
PCA9516 PHILIPS-PCA9516 Datasheet
112Kb / 10P
5-channel I2C hub
2002 May 13
PCA9516A PHILIPS-PCA9516A Datasheet
122Kb / 13P
5-channel I2C hub
2004 Sep 29
logo
Texas Instruments
PCA9518 TI-PCA9518 Datasheet
489Kb / 20P
EXPANDABLE FIVE-CHANNEL I2C HUB
logo
NXP Semiconductors
PCA9518 NXP-PCA9518 Datasheet
121Kb / 21P
Expandable 5-channel I2C-bus hub
Rev. 05-2 December 2008
PCA9518A NXP-PCA9518A Datasheet
126Kb / 23P
Expandable 5-channel I2C-bus hub
Rev. 03-3 December 2008
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
logo
Mallory performance clu...
7740 MALLORY-7740 Datasheet
160Kb / 2P
CAN-Bus Hub
logo
Pericom Semiconductor C...
PI4MSD5V9544A PERICOM-PI4MSD5V9544A Datasheet
513Kb / 12P
4 Channel I2C bus Multiplexer
PI4MSD5V9545B PERICOM-PI4MSD5V9545B Datasheet
542Kb / 13P
4 Channel I2C bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com