Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9516AD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9516AD
Description  5-channel I2C-bus hub
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9516AD Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9516AD Datasheet HTML 1Page - NXP Semiconductors PCA9516AD Datasheet HTML 2Page - NXP Semiconductors PCA9516AD Datasheet HTML 3Page - NXP Semiconductors PCA9516AD Datasheet HTML 4Page - NXP Semiconductors PCA9516AD Datasheet HTML 5Page - NXP Semiconductors PCA9516AD Datasheet HTML 6Page - NXP Semiconductors PCA9516AD Datasheet HTML 7Page - NXP Semiconductors PCA9516AD Datasheet HTML 8Page - NXP Semiconductors PCA9516AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
PCA9516A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 23 April 2009
5 of 19
NXP Semiconductors
PCA9516A
5-channel I2C-bus hub
6.
Functional description
The PCA9516A is a five-way hub repeater, which enables I2C-bus and similar bus
systems to be expanded with only one repeater delay and no functional degradation of
system performance.
The PCA9516A contains five bidirectional, open-drain buffers specifically designed to
support the standard low-level-contention arbitration of the I2C-bus. Except during
arbitration or clock stretching, the PCA9516A acts like five pairs of non-inverting,
open-drain buffers, one for SDA and one for SCL. Refer to Figure 1 “Block diagram”.
6.1 Enable
The enable pins EN1 through EN4 are active HIGH and have internal pull-up resistors.
Each enable pin ENn controls its associated SDAn and SCLn ports. When LOW, the ENn
pin blocks the inputs from SDAn and SCLn as well as disabling the output drivers on the
SDAn and SCLn pins. The enable pins should only change state when both the global bus
and the local port are in an idle state to prevent system failures.
The active HIGH enable pins allow the use of open-drain drivers which can be wire-ORed
to create a distributed enable where either centralized control signal (master) or spoke
signal (submaster) can enable the channel when it is idle.
6.2 I2C-bus systems
As with the standard I2C-bus system, pull-up resistors are required to provide the logic
HIGH levels on the buffered bus. (Standard open-collector configuration of the I2C-bus.)
The size of these pull-up resistors depends on the system, but each side of the repeater
must have a pull-up resistor. This part is designed to work with Standard-mode and
Fast-mode I2C-bus devices in addition to SMBus devices. Standard-mode I2C-bus devices
only specify 3 mA output drive; this limits the termination current to 3 mA in a generic
I2C-bus system where Standard-mode devices and multiple masters are possible. Please
see application note
AN255, “I2C/SMBus Repeaters, Hubs and Expanders” for additional
information on sizing resistors and precautions when using more than one
PCA9515A/PCA9516A in a system or using the PCA9515A/PCA9516A in conjunction
with the P82B96.
7.
Application design-in information
A typical application is shown in Figure 5. In this example, the system master is running
on a 3.3 V I2C-bus while the slave is connected to a 5 V bus. All buses run at 100 kHz
unless slave 3 is isolated, and then the master bus and slave 1 and slave 2 can run at
400 kHz.
Any segment of the hub can talk to any other segment of the hub. Bus masters and slaves
can be located on all five segments with 400 pF load allowed on each segment.
Unused ports should be isolated by holding the enable pin (ENn) to GND and/or pulling
SDAn/SCLn pins to VCC through appropriately sized resistors. The primary bus master is
normally connected to SDA0/SCL0. If the SDA0/SCL0 port is not used, the pins need to
be pulled to VCC through appropriately sized resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com