Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9516AD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9516AD
Description  5-channel I2C-bus hub
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9516AD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9516AD Datasheet HTML 4Page - NXP Semiconductors PCA9516AD Datasheet HTML 5Page - NXP Semiconductors PCA9516AD Datasheet HTML 6Page - NXP Semiconductors PCA9516AD Datasheet HTML 7Page - NXP Semiconductors PCA9516AD Datasheet HTML 8Page - NXP Semiconductors PCA9516AD Datasheet HTML 9Page - NXP Semiconductors PCA9516AD Datasheet HTML 10Page - NXP Semiconductors PCA9516AD Datasheet HTML 11Page - NXP Semiconductors PCA9516AD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
PCA9516A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 23 April 2009
8 of 19
NXP Semiconductors
PCA9516A
5-channel I2C-bus hub
9.
Static characteristics
[1]
For operation between published voltage ranges, refer to worst case parameter in both ranges.
[2]
Typical value taken at 3.3 V and 25
°C.
[3]
VIL specification is for the first LOW level seen by the SDAn/SCLn lines. VILc is for the second and subsequent LOW levels seen by the
SDAn/SCLn lines.
Table 5.
Static characteristics (VCC = 3.0 V to 3.6 V)
VCC = 3.0 V to 3.6 V[1]; GND = 0 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
Supplies
VCC
supply voltage
3.0
-
3.6
V
ICCH
HIGH-level supply current
both channels HIGH;
VCC = 3.6 V;
SDAn = SCLn = VCC
-
2.1
5
mA
ICCL
LOW-level supply current
both channels LOW;
VCC = 3.6 V; one SDAn and
one SCLn = GND, other
SDAn and SCLn open
-
4.7
10
mA
ICCLc
contention LOW-level supply current
VCC = 3.6 V;
SDAn = SCLn = GND
-
4.0
10
mA
Input SCLn; input/output SDAn
VIH
HIGH-level input voltage
0.7VCC -
5.5
V
VIL
LOW-level input voltage
[3]
−0.5
-
+0.3VCC
V
VILc
contention LOW-level input voltage
[3]
−0.5
-
+0.4
V
VIK
input clamping voltage
II = −18 mA
-
-
−1.2
V
ILI
input leakage current
VI = 3.6 V
−1-
+1
µA
IIL
LOW-level input current
SDAn, SCLn; VI = 0.2 V
-
-
5
µA
VOL
LOW-level output voltage
IOL = 0 mA or 6 mA
0.47
0.52
0.6
V
VOL−VILc
difference between LOW-level
output and LOW-level input voltage
contention
guaranteed by design
-
-
70
mV
Ci
input capacitance
VI = 3 V or 0 V
-
6
10
pF
Enable inputs EN1 to EN4
VIL
LOW-level input voltage
−0.5
-
+0.8
V
VIH
HIGH-level input voltage
2.0
-
5.5
V
IIL
LOW-level input current
EN1 to EN4; VI = 0.2 V
-
−12
−30
µA
ILI
input leakage current
−1-
+1
µA
Ci
input capacitance
VI = 3 V or 0 V
-
6
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com