Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2123TS Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 19Page - NXP Semiconductors PCF2123TS Datasheet HTML 20Page - NXP Semiconductors PCF2123TS Datasheet HTML 21Page - NXP Semiconductors PCF2123TS Datasheet HTML 22Page - NXP Semiconductors PCF2123TS Datasheet HTML 23Page - NXP Semiconductors PCF2123TS Datasheet HTML 24Page - NXP Semiconductors PCF2123TS Datasheet HTML 25Page - NXP Semiconductors PCF2123TS Datasheet HTML 26Page - NXP Semiconductors PCF2123TS Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
PCF2123_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 December 2009
23 of 55
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
When reading the timer, the current countdown value is returned and not the initial
value n. Since it is not possible to freeze the countdown timer counter during read back, it
is recommended to read the register twice and check for consistent results.
Timer source clock frequency selection of 1 Hz and 1
⁄
60 Hz will be affected by the
Offset_register. The duration of a program period will vary according to when the offset is
initiated. For example, if a 100 s timer is set using the 1 Hz clock as source, then some
100 s periods will contain correction pulses and therefor be longer or shorter depending
on the setting of the Offset_register. See Section 9.11 to understand the operation of the
Offset_register.
9.8.5 Timer flags
When a minute or second interrupt occurs, bit MSF is set logic 1. Similarly, at the end of a
timer countdown or alarm event, bit TF or AF are set logic 1. These bits maintain their
value until overwritten by software. If both countdown timer and minute or second
interrupts are required in the application, the source of the interrupt can be determined by
reading these bits. To prevent one flag being overwritten while clearing another a logical
AND is performed during a write access. A flag is cleared by writing logic 0 whilst a flag is
not cleared by writing logic 1. Writing logic 1 will result in the flag value remaining
unchanged.
Three examples are given for clearing the flags. Clearing the flags is made by a write
command, therefore bits 7, 6, 4, 1 and 0 must be written with their previous values.
Repeatedly re-writing these bits has no influence on the functional behavior.
Table 31, Table 32 and Table 33 show what instruction must be sent to clear the
appropriate flag.
Clearing the alarm flag (bit AF) operates in exactly the same way, see Section 9.7.5.
Table 30.
Flag location in register Control_2
Register
Bit
7
6
5
4
3
2
1
0
Control_2
-
-
MSF
-
AF
TF
-
-
Table 31.
Example to clear only TF (bit 2) in register Control_2
Register
Bit
7
6
5
4
3
2
1
0
Control_2
-
-
1
-
1
0
-
-
Table 32.
Example to clear only MSF (bit 5) in register Control_2
Register
Bit
7
6
5
4
3
2
1
0
Control_2
-
-
0
-
1
1
-
-
Table 33.
Example to clear both TF and MSF (bit 2 and bit 5) in register Control_2
Register
Bit
7
6
5
4
3
2
1
0
Control_2
-
-
0
-
1
0
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com