Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2123TS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF2123TS Datasheet HTML 1Page - NXP Semiconductors PCF2123TS Datasheet HTML 2Page - NXP Semiconductors PCF2123TS Datasheet HTML 3Page - NXP Semiconductors PCF2123TS Datasheet HTML 4Page - NXP Semiconductors PCF2123TS Datasheet HTML 5Page - NXP Semiconductors PCF2123TS Datasheet HTML 6Page - NXP Semiconductors PCF2123TS Datasheet HTML 7Page - NXP Semiconductors PCF2123TS Datasheet HTML 8Page - NXP Semiconductors PCF2123TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
1.
General description
The PCF2123 is a CMOS1 Real-Time Clock (RTC) and calendar optimized for low power
applications. Data is transferred serially via a Serial Peripheral Interface (SPI-bus) with a
maximum data rate of 6.25 Mbit/s. An alarm and timer function is also available providing
the possibility to generate a wake-up signal on an interrupt pin. An offset register allows
fine tuning of the clock.
2.
Features
I Real time clock provides year, month, day, weekday, hours, minutes, and seconds
based on a 32.768 kHz quartz crystal
I Low backup current while running: typical 100 nA at VDD = 2.0 V and Tamb =25 °C
I Resolution: seconds to years
I Watchdog functionality
I Freely programmable timer and alarm with interrupt capability
I Clock operating voltage: 1.1 V to 5.5 V
I 3 line SPI-bus with separate, but combinable data input and output
I Serial interface at VDD = 1.6 V to 5.5 V
I 1 second or 1 minute interrupt output
I Integrated oscillator load capacitors for CL =7pF
I Internal Power-On Reset (POR)
I Open-drain interrupt and clock output pins
I Programmable offset register for frequency adjustment
3.
Applications
I Time keeping application
I Battery powered devices
I Metering
I High duration timers
I Daily alarms
I Low standby power applications
PCF2123
SPI Real time clock/calendar
Rev. 02 — 4 December 2009
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 19.


Similar Part No. - PCF2123TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2123TS NXP-PCF2123TS Datasheet
239Kb / 54P
SPI Real time clock/calendar
Rev. 01-19 November 2008
PCF2123TS NXP-PCF2123TS Datasheet
844Kb / 63P
SPI Real time clock/calendar Time keeping application
Rev. 5-27 April 2011
PCF2123TS PHILIPS-PCF2123TS Datasheet
334Kb / 2P
Save power with small, ultra-efficient RTCs
March 2011
More results

Similar Description - PCF2123TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
Real-time clock/calendar
16 April 1999
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_11 Datasheet
844Kb / 63P
SPI Real time clock/calendar Time keeping application
Rev. 5-27 April 2011
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
Real-time clock/calendar
Rev. 9-16 June 2011
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
SPI Real-Time Clock Calendar
logo
NXP Semiconductors
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com