Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2123TS Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 20Page - NXP Semiconductors PCF2123TS Datasheet HTML 21Page - NXP Semiconductors PCF2123TS Datasheet HTML 22Page - NXP Semiconductors PCF2123TS Datasheet HTML 23Page - NXP Semiconductors PCF2123TS Datasheet HTML 24Page - NXP Semiconductors PCF2123TS Datasheet HTML 25Page - NXP Semiconductors PCF2123TS Datasheet HTML 26Page - NXP Semiconductors PCF2123TS Datasheet HTML 27Page - NXP Semiconductors PCF2123TS Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
PCF2123_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 December 2009
24 of 55
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
9.9 Interrupt output
An active LOW interrupt signal is available at pin INT. Operation is controlled via the bits
of register Control_2. Interrupts may be sourced from four places: second and minute
timer, countdown timer, alarm function or offset function.
With bit TI_TP, the timer generated interrupts can be configured to either generate a pulse
or to follow the status of the interrupt flags (bits TF and MSF). Correction interrupt pulses
are always 1
⁄
128 second long. Alarm interrupts always follow the condition of AF.
Remark: Note that the interrupts from the four sources are wired-OR, meaning they will
mask one another (see Figure 17).
9.9.1 Minute and second interrupts
The pulse generator for the minute and second interrupt operates from an internal 64 Hz
clock and consequently generates a pulse of 1
⁄
64 second in duration.
When bits SI, MI, TIE, AIE and CIE are all disabled, pin INT will remain high-impedance.
Fig 17. Interrupt scheme
001aai555
SECONDS COUNTER
SI
0
1
MSF: MINUTE
SECOND FLAG
CLEAR
SET
PULSE
GENERATOR 1
CLEAR
TRIGGER
TE
SI
MI
MINUTES COUNTER
COUNTDOWN COUNTER
MI
from interface:
clear MSF
to interface:
read MSF
AF: ALARM
FLAG
CLEAR
SET
to interface:
read AF
0
1
TF: TIMER
CLEAR
SET
PULSE
GENERATOR 2
CLEAR
TRIGGER
TIE
INT
from interface:
clear TF
from interface:
clear AF
set alarm
flag, AF
offset circuit: add/substract
1/64 Hz pulse
to interface:
read TF
TI_TP
AIE
E.G.AIE
PULSE
GENERATOR 3
CLEAR
TRIGGER
CIE
from interface:
set CIE
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com