Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2123TS Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 29Page - NXP Semiconductors PCF2123TS Datasheet HTML 30Page - NXP Semiconductors PCF2123TS Datasheet HTML 31Page - NXP Semiconductors PCF2123TS Datasheet HTML 32Page - NXP Semiconductors PCF2123TS Datasheet HTML 33Page - NXP Semiconductors PCF2123TS Datasheet HTML 34Page - NXP Semiconductors PCF2123TS Datasheet HTML 35Page - NXP Semiconductors PCF2123TS Datasheet HTML 36Page - NXP Semiconductors PCF2123TS Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
PCF2123_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 December 2009
33 of 55
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
The transmission is controlled by the active HIGH chip enable signal CE. The first byte
transmitted is the command byte. Subsequent bytes will be either data to be written or
data to be read. Data is sampled on the rising edge of the clock and transferred internally
on the falling edge.
The command byte defines the address of the first register to be accessed and the
read/write mode. The address counter will auto increment after every access and will
rollover to zero after the last register is accessed. The read/write bit (R/W) defines if the
following bytes will be read or write information.
In Figure 25, the register Seconds is set to 45 seconds and the register Minutes is set to
10 minutes.
Table 41.
Serial interface
Symbol
Function
Description
CE
chip enable input
when LOW, the interface is reset; pull-down resistor included;
active input may be higher than VDD, but may not be wired
permanently HIGH
SCL
serial clock input
when CE is LOW, this input may float; input may be higher
than VDD
SDI
serial data input
when CE is LOW, input may float; input may be higher than
VDD; input data is sampled on the rising edge of SCL
SDO
serial data output
push-pull output; drives from VSS to VDD; output data is
changed on the falling edge of SCL; will be high-Z when not
driving; may be connected directly to SDI
Fig 23. SDI, SDO configurations
Fig 24. Data transfer overview
Table 42.
Command byte definition
Bit
Symbol
Value
Description
7R/W
data read or data write selection
0
write data
1
read data
6 to 4 SA
001
subaddress; other codes will cause the device to ignore
data transfer
3 to 0
RA
0h to Fh
register address range
001aai560
SDI
two wire mode
SDO
SDI
single wire mode
SDO
001aaf914
COMMAND
data bus
chip enable
DATA
DATA
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com