| Electronic Components Datasheet Search |
|
PCF2113EU/2/F4 Datasheet(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113EU/2/F4 Datasheet(HTML) 30 Page - NXP Semiconductors |
|
30 / 65 page ![]() PCF2113_FAM_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 4 March 2008 30 of 65 NXP Semiconductors PCF2113x LCD controllers/drivers Remark: the CGRAM address uses the same address register as the DDRAM address and consists of 7 bits (A6h to A0h). With the ‘set CGRAM address’ command, only bits DB5 to DB0 are set. Bit DB6 can be set using the ‘set DDRAM address’ command first, or by using the auto-increment feature during CGRAM write. All bits DB6 to DB0 can be read using the ‘read busy flag’ and ‘read address’ command. When writing to the lower part of the CGRAM, ensure that bit DB6 of the address is not set (e.g. by an earlier DDRAM write or read action). 9.8 Set DDRAM address ‘Set DDRAM address’ writes the DDRAM address ADD into the address counter (A6h to A0h). Data can then be written to or read from the DDRAM. 9.9 Read busy flag and read address ‘Read busy flag and address counter’ reads the Busy Flag (BF) and Address Counter (AC). BF = 1 indicates that an internal operation is in progress. The next instruction will not be executed until BF = 0. It is recommended that the BF status is checked before the next write operation is executed. At the same time, the value of the address counter (A6h to A0h) is read out, into DB6 to DB0. The address counter is used by both CGRAM and DDRAM, and its value is determined by the previous instruction. 9.10 Write data to CGRAM or DDRAM ‘Write data’ writes binary 8-bit data DB7 to DB0 to the CGRAM or the DDRAM. Whether the CGRAM or DDRAM is to be written into is determined by the previous ‘set CGRAM address’ or ‘set DDRAM address’ command. After writing, the address automatically increments or decrements by 1, in accordance with the entry mode. Only bits DB4 to DB0 of CGRAM data are valid, bits DB7 to DB5 are ‘not relevant’. 9.11 Read data from CGRAM or DDRAM ‘Read data’ reads binary 8-bit data DB7 to DB0 from the CGRAM or DDRAM. The most recent ‘set address’ command determines whether the CGRAM or DDRAM is to be read. The ‘read data’ instruction gates the content of the Data Register (DR) to the bus while pin E is HIGH. After pin E goes LOW again, internal operation increments (or decrements) the AC and stores RAM data corresponding to the new AC into the DR. There are only three instructions that update the DR: • ‘Set CGRAM address’ • ‘Set DDRAM address’ • ‘Read data’ from CGRAM or DDRAM Other instructions (e.g. ‘write data’, ‘cursor/display shift’, ‘clear display’ and ‘return home’) do not modify the data register content. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |