Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU/2/F4 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF2113EU/2/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU/2/F4 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF2113EU/2/F4 Datasheet HTML 2Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 3Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 4Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 5Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 6Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 7Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 8Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 9Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
6 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
[1]
Fab 1 identification starts with nnnnnn, where n represents a number between 0 and 9 (8 inch wafer).
[2]
Fab 2 identification starts with AXnnnn, where X represents a letter or a number and n represents a number
between 0 and 9 (6 inch wafer).
811
VLCDIN
92
101
DB7
9 to 16
12 to 19
R9 to R16
93
102
DB6
17
20
R18
94
103
DB5
18 to 25
21 to 28
C60 to C53
95
104
DB4
-
29
dummy pad
96
105
DB3/SA0
-
30
dummy pad
97
106
DB2
26 to 50
31 to 55
C52 to C28
98
107
DB1
-
56
dummy pad
99
108
DB0
-
57
dummy pad
100
109
VDD2
51 to 75
58 to 82
C27 to C3
-
110
VDD3
-
83
dummy pad
-
-
-
Table 4.
Bonding pad dimensions
Pad
Size
Unit
Type
galvanic pure Au
Bump dimensions
(50
± 6) × (90 ± 6) × (17.5 ± 5)
µm
Height difference in one die
< 2
µm
Convex deformation
< 5
µm
Pad size (aluminium)
62
× 100
µm
Passivation opening
36
× 76
µm
Pad pitch
−635.0
µm
Wafer thickness (excluding bumps)
380
± 25
µm
Fab 1 [1]
Fab 2 [2]
Die size X
3.52
3.47
mm
Die size Y
3.36
3.31
mm
Table 3.
Pin (LQFP100 package) or pad allocation table …continued
Pin
Pad
Symbol
Pin
Pad
Symbol
Table 5.
Pin and bonding pad description
All x/y coordinates represent the position of the center of each pad with respect to the center (x/y = 0) of the chip (see
Figure 3).
Symbol
Pin
Type
Pad
X (
µm)
Y (
µm)
Description
VDD1
1P
1
−1345
−1550
supply voltage 1 for all except VLCD
generator
OSC
2
I
2
−1155
−1550
oscillator and external clock input
[1]
PD
3
I
3
−1 055
−1550
power-down select input; for normal
operation PD is LOW
T3
-
I
4
−845
−1550
test pad; open circuit and not user
accessible
T1
4
I
5
−765
−1550
test pin; must be connected to VSS1
T2
-
I
6
−665
−1550
test pad; must be connected to VSS1
VSS1
5P
7
−525
−1550
ground 1 for all except VLCD generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com