Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU/2/F4 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCF2113EU/2/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU/2/F4 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCF2113EU/2/F4 Datasheet HTML 45Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 46Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 47Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 48Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 49Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 50Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 51Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 52Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
49 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
16.2 General application information
The required minimum value for the external capacitors in an application with the
PCF2113x are: Cext ≥ 100 nF between VLCD and VSS, and Cext ≥ 470 nF between VDD and
VSS. Higher capacitor values are recommended for ripple reduction.
For COG applications the recommended Indium Tin Oxide (ITO) track resistance is to be
minimized for the I/O and supply connections. Optimized values for these tracks are below
50
Ω for the supply and below 100 Ω for the I/O connections. Higher track resistances
reduce performance and increase current consumption.
To avoid accidental triggering of power-on reset (especially in COG applications), the
supplies must be adequately decoupled. Depending on power supply quality, VDD1 may
have to be risen above the specified minimum.
16.3 4-bit operation, 1-line display using internal reset
The program must set functions prior to a 4-bit operation (see Table 21 ). When power is
turned on, 8-bit operation is automatically selected and the PCF2113x attempts to
perform the first write as an 8-bit operation. Since nothing is connected to DB0 to DB3, a
rewrite is then required. However, since one operation is completed in two accesses of
4-bit operation, a rewrite is required to set the functions (see Table 21 step 3). Thus,
DB4 to DB7 of the ‘function set’ are written twice.
16.4 8-bit operation, 1-line display using internal reset
Table 22 and Table 23 show an example of a 1-line display in 8-bit operation. The
PCF2113x functions must be set by the ‘function set’ instruction prior to display. Since the
DDRAM can store data for 80 characters, the RAM can be used for advertising displays
Table 21.
4-bit operation, 1-line display example using internal reset
Step
Instruction
Display
Operation
1
internal power supply on (PCF2113x
is initialized by the internal reset)
initialized; no display appears
2
function set
sets a 4-bit operation; in this instance
operation is handled as 8-bit by
initialization and only this instruction
completes with one write
RS
R/W DB7 DB6 DB5 DB4
000010
3
function set
sets to 4-bit operation, selects 1-line
display and VLCD = VA; 4-bit operation
starts from this point and resetting is
needed
000010
000000
4
display control
turns on display and cursor; entire
display is blank after initialization
000000
001110
5
entry mode set
sets mode to increment address by 1
and to shift the cursor to the right at the
time of write to the DDRAM/CGRAM;
display is not shifted
000000
000110
6
‘write data’ to CGRAM/DDRAM
writes ’P’; the DDRAM has already
been selected by initialization at
power-on; the cursor is incremented by
1 and shifted to the right
100101P
100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com