Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU/2/F4 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF2113EU/2/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU/2/F4 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF2113EU/2/F4 Datasheet HTML 6Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 7Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 8Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 9Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 10Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 11Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 12Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 13Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
10 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
8.
Functional description
8.1 LCD supply voltage generator
The LCD supply voltage (VLCD) may be generated on-chip. The VLCD generator is
controlled by two internal 6-bit registers: VA and VB. Section 10.10.1 shows how to
program these registers. The nominal LCD operating voltage at room temperature is given
by the relationship:
Voper(nom) = (integer value of register × 0.08 V) + 1.82 V
With a programmed value from 1 to 63, Voper(nom) = 1.90 V to 6.86 V at Tamb =27 °C.
Values producing more than 6.5 V at operating temperature are not allowed. Operation
above this voltage may damage the device. When programming the operating voltage the
VLCD tolerance and temperature coefficient must be taken into account.
Values below 2.2 V are below the specified operating range of the chip and therefore are
not allowed.
Value 0 for VA and VB switches off the generator (i.e. VA = 0 in Character mode, VB = 0 in
Icon mode).
Usually register VA is programmed with the voltage for Character mode and register VB
with the voltage for Icon mode.
When VLCD is generated on-chip, the VLCD pins must be decoupled to VSS with a suitable
capacitor.
The generated VLCD is independent of VDD and is temperature compensated. When the
VLCD generator and the Direct mode are switched off, an external voltage may be supplied
at pins VLCDIN and VLCDOUT (which are connected together). VLCDIN and VLCDOUT may be
higher or lower than VDD2.
During Direct mode (program DM bit) the internal VLCD generator is turned off and the
VLCDOUT output voltage is directly connected to VDD2. This reduces the current
consumption during Icon mode and MUX 1:9 (depending on VDD2 and LCD liquid
properties).
The VLCD generator ensures that, as long as VDD is in the valid range (2.2 V to 4 V), the
required peak operating voltage of 6.5 V can be generated at any time.
8.2 LCD bias voltage generator
The intermediate bias voltages for the LCD display are also generated on-chip. This
removes the need for an external resistive bias chain and significantly reduces the system
current consumption. The optimum value of VLCD depends on the multiplex rate, the LCD
threshold voltage (Vth) and the number of bias levels. Using a 5-level bias scheme for 1:18
maximum rate allows VLCD < 5 V for most LCD liquids. The intermediate bias levels for the
different multiplex rates are shown in Table 6. These bias levels are automatically set to
the given values when switching to the corresponding multiplex rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com