Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113WU/2/F4 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF2113WU/2/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113WU/2/F4 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF2113WU/2/F4 Datasheet HTML 14Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 15Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 16Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 17Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 18Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 19Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 20Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 21Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
18 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
8.11 Character generator RAM
Up to 16 user-defined characters may be stored in the Character Generator RAM
(CGRAM). Some CGRAM characters (see Figure 18 and Figure 19) are also used to drive
icons (6 if icons blink and both icon rows are used in the application; 3 if no blink but both
icon rows are used in the application; 0 if no icons are driven by the icon rows). The
CGROM and CGRAM use a common address space, of which the first column is reserved
for the CGRAM (see Figure 7, Figure 8, Figure 9 and Figure 10).
Figure 11 shows the addressing principle for the CGRAM.
8.12 Cursor control circuit
The cursor control circuit generates the cursor underline and/or cursor blink as shown in
Figure 12 at the DDRAM address contained in the address counter.
When the address counter contains the CGRAM address the cursor will be inhibited.
Character code bits 0 to 3 correspond to CGRAM address bits 3 to 6.
CGRAM address bits 0 to 2 designate the character pattern line position. The 8th line is the cursor position and display is
performed by logic OR with the cursor. Data in the 8th position appears in the cursor position.
Character pattern column positions correspond to CGRAM data bits 0 to 4, as shown in this figure.
CGRAM character patterns are selected when character code bits 4 to 7 are all logic 0. CGRAM data = logic 1 corresponds to
selection for display.
Only bits 0 to 5 of the CGRAM address are set by the ‘set CGRAM address’ command. Bit 6 can be set using the ‘set DDRAM
address’ command in the valid address range or by using the auto-increment feature during CGRAM write. All bits 0 to 6 can be
read using the ‘read busy flag’ and ‘address counter’ command.
Fig 11. Relationship between CGRAM addresses, data and display patterns
mge995
7
654
321
0
654
321
0
432
10
higher
order
bits
lower
order
bits
lower
order
bits
higher
order
bits
lower
order
bits
higher
order
bits
0
000
000
0
0
000
000
0
001
00
0
010
00
0
011
0
100
0
0
0
101
00
0
110
00
0
111
000
00
000
00
0
001
0
0
0
010
00
00
011
100
101
00
00
110
00
00
111
000
00
001
0
000
000
1
0
001
0
000
001
0
0
000
111
1
0
000
111
1
0
000
111
1
0
000
111
1
01
0
0
000
100
101
110
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
11
1
character codes
(DDRAM data)
CGRAM
address
character patterns
(CGRAM data)
432
10
0
00
0
11
1
00
0
0
00
10
00
0
1
00
0
1
1
1
00
1
1
1
11
1
1
1
1
1
00
0
1
10
1
00
0
11
1
0
11
11
01
0
0
01
0
0
1
0
00
0
1
1
01
0
0
1
0
0
00
0
character code
(CGRAM data)
character
pattern
example 1
cursor
position
character
pattern
example 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com