Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113WU/2/F4 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # PCF2113WU/2/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113WU/2/F4 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button PCF2113WU/2/F4 Datasheet HTML 50Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 51Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 52Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 53Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 54Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 55Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 56Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 57Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
54 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
7I2C-bus start
to write data to DDRAM, RS must be
set to 1 so a control byte is needed
8
slave address for write
SA6
SA5
SA4
SA3
SA2
SA1
SA0
R/WAck
011101001
9
send a control byte for ‘write data’
Co
RS
0
0
0
0
0
0
Ack
010000001
10
‘write data’ to DDRAM
writes ‘P’; the DDRAM is selected at
power-up; the cursor is incremented
by 1 and shifted to the right
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
P
010100001
11
‘write data’ to DDRAM
writes ‘H’
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
PH
010010001
12 to 15
:
writes ‘ILIP’
:
16
‘write data’ to DDRAM
writes ‘S’
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
PHILIPS
010100111
17
(optional I2C-bus stop) I2C-bus start + slave address for
write (as step 8)
PHILIPS
18
control byte
Co
RS
0
0
0
0
0
0
Ack
PHILIPS
100000001
19
return home
sets DDRAM address 0 in address
counter (also returns shifted display
to original position; DDRAM contents
unchanged); this instruction does not
update the Data Register (DR)
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
PHILIPS
000000101
20
I2C-bus start
PHILIPS
21
slave address for read
during the acknowledge cycle the
content of DR is loaded into the
internal I2C-bus interface to be shifted
out; in the previous instruction neither
a ‘set address’ nor a ‘read data’ has
been performed, so the content of the
DR was unknown; the R/W has to be
set to 1 while still in the I2C-bus write
mode
SA6
SA5
SA4
SA3
SA2
SA1
SA0
R/WAck
PHILIPS
011101011
22
control byte for read
DDRAM content is read from the
following instructions
Co
RS
0
0
0
0
0
0
Ack
PHILIPS
011000001
Table 25.
Example of I2C-bus operation; 1-line display (using internal reset, assuming SA0 = VSS) [1] …continued
Step
I2C-bus byte
Display
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com