Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113WU/2/F4 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF2113WU/2/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113WU/2/F4 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF2113WU/2/F4 Datasheet HTML 26Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 27Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 28Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 29Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 30Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 31Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 32Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 33Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
30 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
Remark: the CGRAM address uses the same address register as the DDRAM address
and consists of 7 bits (A6h to A0h). With the ‘set CGRAM address’ command, only
bits DB5 to DB0 are set. Bit DB6 can be set using the ‘set DDRAM address’ command
first, or by using the auto-increment feature during CGRAM write. All bits DB6 to DB0 can
be read using the ‘read busy flag’ and ‘read address’ command.
When writing to the lower part of the CGRAM, ensure that bit DB6 of the address is not
set (e.g. by an earlier DDRAM write or read action).
9.8 Set DDRAM address
‘Set DDRAM address’ writes the DDRAM address ADD into the address counter
(A6h to A0h). Data can then be written to or read from the DDRAM.
9.9 Read busy flag and read address
‘Read busy flag and address counter’ reads the Busy Flag (BF) and Address
Counter (AC). BF = 1 indicates that an internal operation is in progress. The next
instruction will not be executed until BF = 0. It is recommended that the BF status is
checked before the next write operation is executed.
At the same time, the value of the address counter (A6h to A0h) is read out, into DB6 to
DB0. The address counter is used by both CGRAM and DDRAM, and its value is
determined by the previous instruction.
9.10 Write data to CGRAM or DDRAM
‘Write data’ writes binary 8-bit data DB7 to DB0 to the CGRAM or the DDRAM.
Whether the CGRAM or DDRAM is to be written into is determined by the previous ‘set
CGRAM address’ or ‘set DDRAM address’ command. After writing, the address
automatically increments or decrements by 1, in accordance with the entry mode. Only
bits DB4 to DB0 of CGRAM data are valid, bits DB7 to DB5 are ‘not relevant’.
9.11 Read data from CGRAM or DDRAM
‘Read data’ reads binary 8-bit data DB7 to DB0 from the CGRAM or DDRAM.
The most recent ‘set address’ command determines whether the CGRAM or DDRAM is to
be read.
The ‘read data’ instruction gates the content of the Data Register (DR) to the bus while
pin E is HIGH. After pin E goes LOW again, internal operation increments (or decrements)
the AC and stores RAM data corresponding to the new AC into the DR.
There are only three instructions that update the DR:
• ‘Set CGRAM address’
• ‘Set DDRAM address’
• ‘Read data’ from CGRAM or DDRAM
Other instructions (e.g. ‘write data’, ‘cursor/display shift’, ‘clear display’ and ‘return home’)
do not modify the data register content.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com