Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113WU/2/F4 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF2113WU/2/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113WU/2/F4 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF2113WU/2/F4 Datasheet HTML 34Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 35Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 36Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 37Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 38Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 39Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 40Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 41Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
38 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
Also a master receiver must generate an acknowledge after the reception of each byte
that has been clocked out of the slave transmitter.
The device that acknowledges must pull-down the SDA line during the acknowledge clock
pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge
related clock pulse (set-up and hold times must be taken into consideration).
A master receiver must signal an end of data to the transmitter by not generating an
acknowledge bit on the last byte that has been clocked out of the slave. In this event the
transmitter must leave the data line HIGH to enable the master to generate a STOP
condition.
11.2.1 I2C-bus protocol
Before any data is transmitted on the I2C-bus, the device which should respond is
addressed first. The addressing is always carried out with the first byte transmitted after
the START procedure. The I2C-bus configuration for the different PCF2113x read and
write cycles is shown in Figure 25, Figure 26 and Figure 27. The slow-down feature of the
I2C-bus protocol (receiver holds SCL LOW during internal operations) is not used in the
PCF2113x.
Fig 25. Master transmits to slave receiver; write mode
mgg002
S
A
0
S
P
011101
0A
slave address
CONTROL BYTE A
1
Co
DATA BYTE
A
CONTROL BYTE A
R/W
0
Co
update
data pointer
1 byte
n
≥ 0 bytes
2n
≥ 0 bytes
DATA BYTE
A
acknowledgement
from PCF2113x
RS
RS
S
A
0
011101
0
PCF2113x
slave address
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com