Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF250-120T-R1 Datasheet(PDF) 11 Page - Tyco Electronics

Part # TRF250-120T-R1
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TRF250-120T-R1 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button TRF250-120T-R1 Datasheet HTML 7Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 8Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 9Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 10Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 11Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 12Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 13Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 14Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
197
RoHS Compliant, ELV Compliant
10
Fault Current (A)
100
10
1
0.10
0.01
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
A
A
B
B
C
D
C
D
Figure T14
TCF250
A=
TCF250-180
B=
TCF250-145T
C=
TCF250-120T
D =
TCF250-100T
Fault Current (A)
1000
100
10
1
0.10
0.01
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
A
A
B
C
D
E
B
C
D
E
Figure T15
TRF250
A= TRF250-180/183/184
B= TRF250-145/145U
C= TRF250-120/120U
D= TRF250-110U/120UT/120T
E= TRF250-080T/080U/080US
Figure T14-T17
Typical Time-to-trip Curves at 20°C for
Telecommunications and Networking Devices
Table T4 Dimensions for Telecommunications and Networking Devices in Millimeters (Inches)
Cont’d
TS600/TSM600
600V†
TS600-170F
18.3
19.4
11.6
12.3
7.2
8.3
1.7
2.4
9.9
10.4
1.5
2.3
——
T8
(0.72)
(0.77)
(0.46)
(0.49)
(0.29)
(0.33)
(0.07)
(0.10)
(0.39) (0.41)
(0.06)
(0.09)
TS600-200F-RA
18.3
19.4
11.6
12.3
7.2
8.3
1.7
2.4
9.9
10.4
1.5
2.3
——
T8
(0.72)
(0.77)
(0.46)
(0.49)
(0.29)
(0.33)
(0.07)
(0.10)
(0.39) (0.41)
(0.06)
(0.09)
TS600-400F
18.3
19.4
11.6
12.3
7.2
8.3
1.7
2.4
9.9
10.4
1.5
2.3
——
T8
(0.72)
(0.77)
(0.46)
(0.49)
(0.29)
(0.33)
(0.07)
(0.10)
(0.39) (0.41)
(0.06)
(0.09)
TSM600-250F
17.00
17.60
11.20
11.70
10.40
11.20
4.80
5.20
2.50
2.80
0.60
1.0
2.2
3.1
T9
(0.67)
(0.69)
(0.44)
(0.46)
(0.41)
(0.44)
(0.19)
(0.20)
(0.10) (0.11)
(0.02)
(0.04)
(0.09)
(0.12)
TSM600-250F-RA
17.00
17.60
11.20
11.70
10.40
11.20
4.80
5.20
2.50
2.80
0.60
1.0
2.2
3.1
T9
(0.67)
(0.69)
(0.44)
(0.46)
(0.41)
(0.44)
(0.19)
(0.20)
(0.10) (0.11)
(0.02)
(0.04)
(0.09)
(0.12)
TSM600-400F
17.00
17.60
11.20
11.70
10.40
11.20
4.80
5.20
2.50
2.80
0.60
1.0
2.2
3.1
T9
(0.67)
(0.69)
(0.44)
(0.46)
(0.41)
(0.44)
(0.19)
(0.20)
(0.10) (0.11)
(0.02)
(0.04)
(0.09)
(0.12)
Part Number
A
Min.
Max.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
† 600VAC interrupt products are designed to help equipment pass UL60950, TIA-968-A and GR1089 Port Type 1, 3 & 5 requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com