Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF250-120T-R1 Datasheet(PDF) 16 Page - Tyco Electronics

Part # TRF250-120T-R1
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TRF250-120T-R1 Datasheet(HTML) 16 Page - Tyco Electronics

Back Button TRF250-120T-R1 Datasheet HTML 12Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 13Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 14Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 15Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 16Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 17Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 18Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 19Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 20Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
RoHS compliant, ELV compliant
202
10
Solder Reflow and Rework Recommendations for Telecommunications Surface-mount Devices
Solder Reflow
• Recommended reflow method: IR, vapor phase oven, hot air oven.
• Surface-mount devices are not designed to be wave soldered to the bottom side of the board.
• Recommended maximum paste thickness of 0.25mm (0.010 in).
• Devices can be cleaned using standard industry methods and solvents.
Rework
• If a device is removed from the board, it should be discarded and replaced with a new device.
Profile Feature
Pb-Free Assembly
Average ramp up rate (TsMAX to Tp)
3°C/second max.
Preheat
• Temperature min. (TsMIN)
150°C
• Temperature max. (TsMAX)
200°C
• Time (tsMIN to tsMAX)
60-180 seconds
Time maintained above:
• Temperature (TL)
217°C
• Time (tL)
60-150 seconds
Peak/Classification temperature (Tp)
260°C
Time within 5°C of actual peak temperature
Time (tp)
20-40 seconds
Ramp down rate
6°C/second max.
Time 25°C to peak temperature
8 minutes max.
Critical Zone
T
L to Tp
Ramp up
t 25˚C to Peak
Reflow Profile
Time
Ramp down
ts
Preheat
Ts
MAX
T
L
Tp
tp
25
Ts
MIN
t
L
Figure T21
Note: All temperatures refer to topside of the package, measured on the package
body surface.
Agency Recognition for Telecommunications and Networking Devices
UL
File # E74889
CSA
File #78165C
TÜV
Per IEC60730-1
Certificate # for individual products available upon request.
Device
A
B
C
D
E
FG
Figure
TS250 (All)
4.60
1.80
6.10
—
—
——
T18
(0.180)
(0.070)
(0.240)
—
—
——
TSV250 (All)
2.29
2.41
6.35
3.43
—
——
T19
(0.090)
(0.095)
(0.250)
(0.135)
—
——
TSL250 (All)
3.60
1.80
5.50
—
—
——
T18
(0.140)
(0.070)
(0.220)
—
—
——
TS600 (All)
10.42
3.30
3.35
—
—
——
T18
(0.410)
(0.130)
(0.132)
—
—
——
TSM600 (All)
5.20
17.80
5.54
6.75
2.08
3.12
8.39
T20
(0.205)
(0.701)
(0.218)
(0.266)
(0.082)
(0.123)
(0.331)
A
B
CB
Figure T18
A
A
B
B
C
D
Figure T19
A
B
C
D
G
E
F
Figure T20
Table T7
Recommended Pad Layouts for Surface-mount Telecommunications and Networking
Devices in millimeters (inches) Nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com