Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF250-120T-R1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # TRF250-120T-R1
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TRF250-120T-R1 Datasheet(HTML) 5 Page - Tyco Electronics

  TRF250-120T-R1 Datasheet HTML 1Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 2Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 3Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 4Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 5Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 6Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 7Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 8Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TS600
TCF250
TRF250
TS250
TSV250
TSL250
TSM600
TRF600
Voltage Rating (VAC)*
250
250
250
250
250
600
600
(Interrupt)
ITU
ITU
ITU
ITU
UL60950
UL60950
GR-1089
GR-1089
GR-1089
GR-1089
GR-1089
GR-1089
GR-1089
Specification
Ports 2 & 4
Ports 2 & 4
Ports 2 & 4
Ports 2 & 4
Ports 2 & 4
Ports 1, 3, & 5
Ports 1, 3, & 5
Hold Current (A)
0.055
—
20.0
Ω
—
—
—
——
0.080
—
17.0
Ω
——
8.0
Ω
——
0.100
11.0
Ω
—
—
—
—
——
0.110
—
7.0
Ω
—
—
—
——
0.120
10.5
Ω
8.0
Ω
—
—
—
——
0.130
——
9.0
Ω
5.5
Ω
—
——
0.145
7.0
Ω
4.5
Ω
—
—
—
——
0.150
—
—
—
——
—
8.0
Ω
0.160
—
—
—
——
—
6.0
Ω
0.170
—
—
—
——
11.0
Ω
—
0.183
—
1.3
Ω
—
—
—
——
0.184
—
1.9
Ω
—
—
—
——
0.200
—
—
—
——
8.5
Ω
—
0.250
—
—
—
——
3.5
Ω
—
0.400
—
—
—
——
1.2
Ω
1.2
Ω
191
RoHS Compliant, ELV Compliant
10
Voltage Ratings for Telecommunications and Networking Devices
For Raychem circuit protection telecommunications devices there are two applicable voltage ratings. These are VMAX Operating and
VMAX Interrupt. To help understand the nature of these two different voltage ratings, the following definitions are provided:
VMAX Operating : For telecommunications devices this is the voltage used to obtain component recognition under UL1434. Most Raychem
circuit protection devices are certified at 60V but can withstand higher VMAX Interrupt conditions as noted above.
See Table T3 for its VMAX Operating.
*VMAX Interrupt : Under specified conditions this is the highest voltage that can be applied to the device at the maximum current. Devices
have been designed to trip safely under higher power level cross conditions, as listed above, to assist equipment in
meeting the appropriate industry conditions.
Table T1
Product Series: Size, Current Rating, Voltage Rating, Typical Resistance for
Telecommunications and Networking Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com