Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF250-120T-R1 Datasheet(PDF) 17 Page - Tyco Electronics

Part # TRF250-120T-R1
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TRF250-120T-R1 Datasheet(HTML) 17 Page - Tyco Electronics

Back Button TRF250-120T-R1 Datasheet HTML 13Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 14Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 15Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 16Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 17Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 18Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 19Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 20Page - Tyco Electronics TRF250-120T-R1 Datasheet HTML 21Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
203
RoHS Compliant, ELV Compliant
10
Dimension
Description
EIA Mark
IEC Mark
Dimension (mm)
Tolerance
Carrier tape width
WW
18
-0.5/+1.0
Hold down tape width
W4
W0
5
Minimum
Top distance between tape edges
W6
W2
3
Maximum
Sprocket hole position
W5
W1
9
-0.5/+0.75
Sprocket hole diameter
D0
D0
4
±0.2
Abcissa to plane (straight lead)
HH
18.5
±3.0
Abcissa to plane (kinked lead)*
H0
H0
16
-0.5/+0.6
Abcissa to top
H1
H1
32.2
Maximum
Overall width with lead protrusion
—C1
43.2
Maximum
Overall width without lead protrusion
—C2
42.5
Maximum
Lead protrusion
L1
I1
1.0
Maximum
Protrusion of cut-out
LL
11
Maximum
Protrusion beyond hold down tape
I2
I2
Not specified
—
Sprocket hole pitch
P0
P0
12.7
±0.3
Device pitch (TRF250 & TRF600-150)
——
12.7
—
Device pitch (TRF600-160/400)
——
25.4
—
Pitch tolerance
——
20 consecutive
±1
Tape thickness
tt
0.9
Maximum
Tape thickness with splice*
t1
—
2.0
Maximum
Splice sprocket hole alignment
——
0
±0.3
Body lateral deviation
h
h0
±1.0
Body tape plane deviation
p
p0
±1.3
Lead spacing plane deviation
P1
P1
0
±0.7
Lead spacing*
FF
5.08
±0.6
Reel width
w2
w
56
Maximum
Reel diameter
ad
370
Maximum
Space between flanges less device
w1
—
4.75
±3.25
Arbor hole diameter
cf
26
±12.0
Core diameter
nh
80
Maximum
Box
——
56/372/372
Maximum
Consecutive missing pieces*
——
3 maximum
—
Empty places per reel*
——
Not specified
—
* Differs from EIA specification.
TRF250/TRF600 devices are available in tape and reel packaging per EIA 468-B standard. See Figures T23 and T24 for details.
Table T8
TRF250/TRF600 Tape and Reel Specifications for
Telecommunications and Networking Device
Wave Soldering and Rework Recommendations for Telecommunications Radial-leaded Devices
Recommended Wave Soldering
• Soldering temperature profile
Temperature characteristic at component terminal with dual
wave soldering
Rework
• If a device is removed from the board, it should be discarded
and replaced with a new device.
300
250
200
150
100
50
0
0
50
10s
245˚C ... 260˚C
100˚C ... 130˚C
Forced cooling
100150200
250
Time (s)
Figure T22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com