Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF600-160-R1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # TRF600-160-R1
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TRF600-160-R1 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button TRF600-160-R1 Datasheet HTML 3Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 4Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 5Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 6Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 7Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 8Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 9Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 10Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
193
RoHS Compliant, ELV Compliant
10
Chip* — 250VAC
TCF250
TCF250-100T
0.100
0.150
60
250
3.0
0.6
1.0
0.2
14.0
18.0
24.0
TCF250-120T
0.120
0.240
60
250
3.0
1.0
1.0
0.6
6.3
12.0
18.0
TCF250-145T
0.145
0.290
60
250
3.0
1.0
1.0
1.5
5.0
9.0
14.0
TCF250-180
0.180
0.650
60
250
3.0
0.9
1.0
15.5
1.0
2.2
4.0
Radial-leaded* — 250VAC
TRF250
TRF250-055UT
0.055
0.170
60
250
3.0
0.6
0.28
3.0
15.0
25.0
35.0
TRF250-080T
0.080
0.160
60
250
3.0
0.6
0.35
2.5
15.0
22.0
33.0
TRF250-080U
0.080
0.160
60
250
3.0
0.6
0.35
2.5
14.0
20.0
33.0
TRF250-110U
0.110
0.220
60
250
3.0
1.0
1.00
0.8
5.0
9.0
16.0
TRF250-120
0.120
0.240
60
250
3.0
1.0
1.00
1.5
4.0
8.0
16.0
TRF250-120T
0.120
0.240
60
250
3.0
1.0
0.35
0.7
7.0
12.0
16.0
TRF250-120T-RA
0.120
0.240
60
250
3.0
1.0
1.00
1.2
7.0
9.0
16.0
TRF250-120T-RC
0.130
0.260
60
250
3.0
1.0
1.00
1.5
5.4
7.5
14.0
TRF250-120T-RF
0.120
0.240
60
250
3.0
1.0
1.00
0.9
6.0
10.5
16.0
TRF250-120T-R1
0.120
0.240
60
250
3.0
1.0
1.00
1.0
6.0
9.0
16.0
TRF250-120T-R2
0.120
0.240
60
250
3.0
1.0
1.00
0.8
8.0
10.5
16.0
TRF250-120U
0.120
0.240
60
250
3.0
1.0
1.00
1.0
6.0
10.0
16.0
TRF250-120UT
0.120
0.240
60
250
3.0
1.0
1.00
0.7
7.0
12.0
16.0
TRF250-145
0.145
0.290
60
250
3.0
1.0
1.00
2.5
3.0
6.0
14.0
TRF250-145-RA
0.145
0.290
60
250
3.0
1.0
1.00
2.5
3.0
5.5
12.0
TRF250-145-RB
0.145
0.290
60
250
3.0
1.0
1.00
2.0
4.5
6.0
14.0
TRF250-145T
0.145
0.290
60
250
3.0
1.0
1.00
1.5
5.4
7.5
14.0
TRF250-145U
0.145
0.290
60
250
3.0
1.0
1.00
2.0
3.5
6.5
14.0
TRF250-183
0.183
0.685
100
250
10.0
0.9
3.00
0.6
0.8
2.2
3.4
TRF250-184
0.184
1.000
100
250
10.0
0.9
3.00
0.5
1.2
2.4
3.1
Surface-mount* — 250VAC
TS250/TSL250/TSV250
TSL250-080F
0.080
0.240
80
250
3.0
1.2
1.0
0.8
5.0
11.0
20.0**
TS250-130F
0.130
0.260
60
250
3.0
1.1
1.0
0.9
6.5
12.0
20.0**
——
60
600
1.0
——
TS250-130F-RA
0.130
0.260
60
250
3.0
1.1
1.0
1.4
6.5
9.0
15.0**
——
60
600
1.0
——
TS250-130F-RB
0.130
0.260
60
250
3.0
1.1
1.0
0.7
9.0
12.0
20.0**
——
60
600
1.0
——
TS250-130F-RC
0.130
0.260
60
250
3.0
1.1
1.0
1.1
7.0
10.0
17.0**
——
60
600
1.0
——
TSV250-130F
0.130
0.260
60
250
3.0
1.5
1.0
2.0
4.0
7.0
12.0**
Radial-leaded— 600VAC
TRF600
TRF600-150
0.150
0.300
250
600
3.0
1.0
1.0
1.4
6.0
10.0
17.0
TRF600-150-RB
0.130
0.260
250
600
3.0
1.0
1.0
1.0
9.0
12.0
22.0
TR600-150F-EX
0.150
0.300
250
600
3.0
1.4
1.0
5.0
6.0
12.0
22.0
TR600-150F-EX-RA-B-0.5
0.150
0.300
250
600
3.0
1.4
1.0
5.0
7.0
10.0
20.0
TRF600-160
0.160
0.320
250
600
3.0
1.7
1.0
7.5
4.0
10.0
18.0
TRF600-160-RA
0.160
0.320
250
600
3.0
1.7
1.0
9.5
4.0
7.0
16.0
TRF600-160-R1
0.160
0.320
250
600
3.0
1.7
1.0
9.0
4.0
8.0
17.0
TRF600-400
0.400
1.000
60
600
3.0
2.4
3.0
4.0
0.95
1.45
1.90
Part
Number
IH
(A)
IT
(A)
PDTyp
(W)
Typical Time-to-trip
(A)
(s)
RMIN
(
Ω)
R1MAX
(
Ω)
RMAX
(
Ω)
Operating
(VDC)
Interrupt
(VRMS)
IMAX*
Interrupt
(A)
VMAX
NEW
NEW
*
250VAC interrupt products are designed to help equipment pass ITU K.20, K.21, & K.45 recommendations and Telcordia GR-1089 Port Type 2 & 4 requirements.
600VAC interrupt products are designed to help equipment pass UL60950, TIA-968-A and GR1089 Port Type 1, 3 & 5 requirements.
Product is not currently available in a resistance matched or sorted option.
** R1MAX measured 1 hour post-trip, or 24 hours post-reflow at 20°C.
NEW
Table T3 Electrical Characteristics for Telecommunications and Networking Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com