Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF600-160-R1 Datasheet(PDF) 16 Page - Tyco Electronics

Part # TRF600-160-R1
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TRF600-160-R1 Datasheet(HTML) 16 Page - Tyco Electronics

Back Button TRF600-160-R1 Datasheet HTML 12Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 13Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 14Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 15Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 16Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 17Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 18Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 19Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 20Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
RoHS compliant, ELV compliant
202
10
Solder Reflow and Rework Recommendations for Telecommunications Surface-mount Devices
Solder Reflow
• Recommended reflow method: IR, vapor phase oven, hot air oven.
• Surface-mount devices are not designed to be wave soldered to the bottom side of the board.
• Recommended maximum paste thickness of 0.25mm (0.010 in).
• Devices can be cleaned using standard industry methods and solvents.
Rework
• If a device is removed from the board, it should be discarded and replaced with a new device.
Profile Feature
Pb-Free Assembly
Average ramp up rate (TsMAX to Tp)
3°C/second max.
Preheat
• Temperature min. (TsMIN)
150°C
• Temperature max. (TsMAX)
200°C
• Time (tsMIN to tsMAX)
60-180 seconds
Time maintained above:
• Temperature (TL)
217°C
• Time (tL)
60-150 seconds
Peak/Classification temperature (Tp)
260°C
Time within 5°C of actual peak temperature
Time (tp)
20-40 seconds
Ramp down rate
6°C/second max.
Time 25°C to peak temperature
8 minutes max.
Critical Zone
T
L to Tp
Ramp up
t 25˚C to Peak
Reflow Profile
Time
Ramp down
ts
Preheat
Ts
MAX
T
L
Tp
tp
25
Ts
MIN
t
L
Figure T21
Note: All temperatures refer to topside of the package, measured on the package
body surface.
Agency Recognition for Telecommunications and Networking Devices
UL
File # E74889
CSA
File #78165C
TÜV
Per IEC60730-1
Certificate # for individual products available upon request.
Device
A
B
C
D
E
FG
Figure
TS250 (All)
4.60
1.80
6.10
——
T18
(0.180)
(0.070)
(0.240)
——
TSV250 (All)
2.29
2.41
6.35
3.43
——
T19
(0.090)
(0.095)
(0.250)
(0.135)
——
TSL250 (All)
3.60
1.80
5.50
——
T18
(0.140)
(0.070)
(0.220)
——
TS600 (All)
10.42
3.30
3.35
——
T18
(0.410)
(0.130)
(0.132)
——
TSM600 (All)
5.20
17.80
5.54
6.75
2.08
3.12
8.39
T20
(0.205)
(0.701)
(0.218)
(0.266)
(0.082)
(0.123)
(0.331)
A
B
CB
Figure T18
A
A
B
B
C
D
Figure T19
A
B
C
D
G
E
F
Figure T20
Table T7
Recommended Pad Layouts for Surface-mount Telecommunications and Networking
Devices in millimeters (inches) Nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com