Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF600-160-R1 Datasheet(PDF) 12 Page - Tyco Electronics

Part # TRF600-160-R1
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TRF600-160-R1 Datasheet(HTML) 12 Page - Tyco Electronics

Back Button TRF600-160-R1 Datasheet HTML 8Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 9Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 10Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 11Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 12Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 13Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 14Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 15Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
RoHS compliant, ELV compliant
198
15
10
Fault Current (A)
1000
100
10
1
0.10
0
1
2
345
6
7
E
C
B
A
D
E
A
B
C
D
Figure T17
TRF600/TS600/TSM600
A= TRF600-400/TS600-400/
TSM600-400F
B= TSM600-250F/
TS600-170F/200F
C= TRF600-160
D= TR600-150F-EX
E= TRF600-150
Operating temperature range for all listed products is -40°C to 85°C, except for TRF250-080T and TRF250-184 (0°C to 85°C)
TCF250*
Terminal material
Nickel-plated copper foil
Test
Conditions
Passive aging
60°C, 1000 hours
85°C, 1000 hours
Humidity aging
85°C, 85% RH, 1000 hours
Thermal shock
125°C, -55°C (10 times)
Solvent resistance
MIL-STD-202, Method 215F
Note: Storage conditions: 40°C max., 70% RH max., devices should remain in original sealed bag prior to use. Devices may not meet specified values if these storage conditions are exceeded.
Physical Characteristics
Environmental Specifications
* 250VAC interrupt products are designed to help equipment pass ITU K.20, K.21, & K.45 recommendations and Telcordia GR-1089 Port Type 2 & 4 requirements.
Table T5
Physical Characteristics and Environmental Specifications for
Telecommunications and Networking Devices
Figure T14-T17
Typical Time-to-trip Curves at 20°C for
Telecommunications and Networking Devices
Cont’d
Fault Current (A)
100
10
1
0.10
0.01
0.00
0.50
1.00
1.50
2.00
2.50
3.00
A
A
B
C
B
C
Figure T16
TS250/TSV250/TSL250
A= TSV250-130F
B= TS250-130F
C= TSL250-080F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com