Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF600-160-R1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # TRF600-160-R1
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TRF600-160-R1 Datasheet(HTML) 4 Page - Tyco Electronics

  TRF600-160-R1 Datasheet HTML 1Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 2Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 3Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 4Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 5Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 6Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 7Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 8Page - Tyco Electronics TRF600-160-R1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
190
RoHS Compliant, ELV Compliant
10
Agency Specification/Selection Guide for Telecommunications and Networking Devices
Cont’d
Family
Product*
Lightning
Power Cross/Contact/Induction
TRF250
TRF250-055UT
ITU K.20 – 1.0kV 10/700µs
ITU K.20 – 230VAC, 10Ω
TRF250-080U
ITU K.20 – 1.0kV 10/700µs
ITU K.20 – 230VAC, 10Ω
GR-1089 Port Types 2 & 4 – 1st Level
ITU K.20 – 0.2A2s
ITU K.20 – 1A2s†
GR-1089 Port Type 4 – 120VAC, 25Asc
TRF250-110U
ITU K.20/21/45 – 1.5kV 10/700µs
ITU K.20/21/45 – 230VAC, 10Ω
TRF250-120
ITU K.20/21/45 – 4.0kV 10/700µs†
ITU K.20/21/45 – 0.2A2s
TRF250-120T
GR-1089 Port Types 2 & 4 – 1st Level
ITU K.20/21/45 – 1A2s†
TRF250-120U
ITU K.20/21/45 – 10A2s†
TRF250-120UT
GR-1089 Port Type 4 – 120VAC, 25Asc
TRF250-145
TRF250-145U
TRF250-183
TRF250-184
ITU K.20/21/45 – 1.5kV 10/700µs
ITU K.20/21/45 – 230VAC, 10Ω **
ITU K.20/21/45 – 4.0kV 10/700µs‡
ITU K.20/21/45 – 0.2A2s
GR-1089 Port Types 2 & 4 – 1st Level
ITU K.20/21/45 – 1A2s‡
ITU K.20/21/45 – 10A2s‡
GR-1089 Port Type 4 – 120VAC, 25Asc
TS250/TSV250
TSV250-130F
ITU K.20/21/45 – 1.5kV 10/700µs
ITU K.20/21/45 – 230VAC, 10Ω
TS250-130F
ITU K.20/21/45 – 4.0kV 10/700µs†
ITU K.20/21/45 – 0.2A2s
GR-1089 Port Types 2 & 4 – 1st Level
ITU K.20/21/45 – 1A2s†
ITU K.20/21/45 – 10A2s†
GR-1089 Port Type 4 – 120VAC, 25Asc
TS250-130F-RB
ITU K.20/21/45 – 1.5kV 10/700µs
ITU K.20/21/45 – 230VAC, 10Ω
ITU K.20/21/45 – 4.0kV 10/700µs‡
ITU K.20/21/45 – 0.2A2s
GR-1089 Port Types 2 & 4 – 1st Level
ITU K.20/21/45 – 1A2s‡
ITU K.20/21/45 – 10A2s‡
GR-1089 Port Type 4 – 120VAC, 25Asc
TSL250
TSL250-080F
GR-1089 Port Types 2 & 4 – 1st Level
GR-1089 Port Type 4 – 120VAC, 25Asc
ITU K.20 – 1.0kV 10/700µs
ITU K.20/21/45 – 230VAC, 10Ω
ITU K.20/21/45 – 0.2A2s
ITU K.20/21/45 – 1A2s†
TRF600
TRF600-150
TIA-968-A Types A & B
UL60950 – 600VAC, 40Asc
TR600-150F-EX
GR-1089 Port Types 1, 3, & 5 – 1st & 2nd Level††
UL60950 – 600VAC, 40Asc
TR600-150F-EX-RA-B-0.5
GR-1089 Port Types 1, 3, & 5 – 1st & 2nd Level††
UL60950 – 600VAC, 40Asc
TRF600-160
GR-1089 Port Types 1, 3, & 5 – 1st & 2nd Level††
Telcordia GR-1089 – 600VAC, 60Asc
TRF600-400
GR-1089 Port Types 1, 3, & 5 – 1st & 2nd Level
Telcordia GR-1089 – 600VAC, 60Asc
TS600
TS600-170F
TIA-968-A Types A & B
UL60950 – 600VAC, 40Asc
TS600-200F-RA
GR-1089 Port Types 1, 3, & 5 – 1st & 2nd Level††
Telcordia GR-1089 – 600VAC, 60Asc
TS600-400F
TSM600
TSM600-250F
TIA-968-A Types A & B
UL60950 – 600VAC, 40Asc
TSM600-250F-RA
GR-1089 Port Types 1, 3, & 5 – 1st & 2nd Level††
Telcordia GR-1089 – 600VAC, 60Asc
TSM600-400F
TIA-968-A Types A & B
UL60950 – 600VAC, 40Asc
GR-1089 Port Types 1, 3, & 5 – 1st & 2nd Level
Telcordia GR-1089 – 600VAC, 60Asc
FT600‡‡
FT600-0500
TIA-968-A - Types A & B
UL60950 – 600VAC, 40Asc
FT600-1250
FT600-2000
GR-1089 Port Types 1, 3, & 5 – 1st & 2nd Level
Telcordia GR-1089 – 600VAC, 60Asc
*
Applies to all products which share the same prefix.
†
Tested with 230V gas discharge tube primary protector.
‡
Tested with 350V gas discharge tube primary protector.
** See SCD for additional application fault ratings.
†† May require additional series resistor to help telecommunication equipment pass Surge 3 (1kV, 10/1000µs).
‡‡ See telecom fuses section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com