Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLP210F Datasheet(PDF) 10 Page - Tyco Electronics

Part # VLP210F
Description  PolySwitch Resettable Devices Strap Battery Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLP210F Datasheet(HTML) 10 Page - Tyco Electronics

Back Button VLP210F Datasheet HTML 6Page - Tyco Electronics VLP210F Datasheet HTML 7Page - Tyco Electronics VLP210F Datasheet HTML 8Page - Tyco Electronics VLP210F Datasheet HTML 9Page - Tyco Electronics VLP210F Datasheet HTML 10Page - Tyco Electronics VLP210F Datasheet HTML 11Page - Tyco Electronics VLP210F Datasheet HTML 12Page - Tyco Electronics VLP210F Datasheet HTML 13Page - Tyco Electronics VLP210F Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
180
RoHS Compliant, ELV Compliant
10
Fault Current (A)
100
10
1
0.10
0.01
0.001
1
10
100
A
A
B
C DE
F
B
C D
E
F
Figure B18
LTP
A=
LTP070F
B=
LTP100SF
C=
LTP180LF
D=
LTP190F
E=
LTP260F
F=
LTP340F
Fault Current (A)
100
10
1
0.10
0.01
1
10
100
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
I
I
Figure B20
LR4
A=
LR4-190F
B=
LR4-260F
C=
LR4-380F
D=
LR4-450F
E=
LR4-550F
F=
LR4-600F
G=
LR4-730F
H=
LR4-900F
I=
LR4-1300SSF
Fault Current (A)
10
1
0.10
0.01
0.001
1
10
100
A
A
Figure B19
MXP (data at 25°C)
A=
MXP190BB
Figure B15-B22 Typical Time-to-trip Curves at 20°C for Strap Battery Devices
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com